Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F040B Datasheet(PDF) 15 Page - STMicroelectronics

Part # M29F040B
Description  4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F040B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M29F040B Datasheet HTML 11Page - STMicroelectronics M29F040B Datasheet HTML 12Page - STMicroelectronics M29F040B Datasheet HTML 13Page - STMicroelectronics M29F040B Datasheet HTML 14Page - STMicroelectronics M29F040B Datasheet HTML 15Page - STMicroelectronics M29F040B Datasheet HTML 16Page - STMicroelectronics M29F040B Datasheet HTML 17Page - STMicroelectronics M29F040B Datasheet HTML 18Page - STMicroelectronics M29F040B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
M29F040B
Table 13. Write AC Characteristics, Chip Enable Controlled
(TA = 0 to 70 °C, –40 to 85 °C or –40 to 125 °C)
Symbol
Alt
Parameter
M29F040B
Unit
45
55
70 / 90
tAVAV
tWC
Address Valid to Next Address Valid
Min
45
55
70
ns
tWLEL
tWS
Write Enable Low to Chip Enable Low
Min
0
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
40
40
45
ns
tDVEH
tDS
Input Valid to Chip Enable High
Min
25
25
30
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
0
0
ns
tEHWH
tWH
Chip Enable High to Write Enable High
Min
0
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
Min
20
20
20
ns
tAVEL
tAS
Address Valid to Chip Enable Low
Min
0
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
Min
40
40
45
ns
tGHEL
Output Enable High Chip Enable Low
Min
0
0
0
ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
Min
0
0
0
ns
tVCHWL
tVCS
VCC High to Write Enable Low
Min
50
50
50
µs
Figure 11. Write AC Waveforms, Chip Enable Controlled
AI02909
E
G
W
A0-A18
DQ0-DQ7
VALID
VALID
VCC
tVCHWL
tEHWH
tEHEL
tWLEL
tAVEL
tEHGL
tELAX
tEHDX
tAVAV
tDVEH
tELEH
tGHEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com