Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PD70101
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70101 Datasheet(HTML) 2 Page - Microsemi Corporation

  PD70101 Datasheet HTML 1Page - Microsemi Corporation PD70101 Datasheet HTML 2Page - Microsemi Corporation PD70101 Datasheet HTML 3Page - Microsemi Corporation PD70101 Datasheet HTML 4Page - Microsemi Corporation PD70101 Datasheet HTML 5Page - Microsemi Corporation PD70101 Datasheet HTML 6Page - Microsemi Corporation PD70101 Datasheet HTML 7Page - Microsemi Corporation PD70101 Datasheet HTML 8Page - Microsemi Corporation PD70101 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 2 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Pin Configuration
MSC
70101
YYWWX
RDET
PGOOD
RREF
RCLASS
VPN_IN
N/C
N/C
VL
GND
FB
DAO
COMP
VSP
VSN
VPN_OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
SG
MSC
70201
YYWWX
RDET
PGOOD
RREF
RCLASS
VPN_IN
N/C
AT_FLAG*
VL
GND
FB
DAO
COMP
VSP
VSN
VPN_OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
SG
Figure 1 · Pinout QFN Package(Top View)
YYWWX = Year /Week / lot code
Ordering Information
Pin Description
Pin
Number
PD70101
Pin Name
PD70201
Pin Name
Description
1
RDET
RDET
Valid Detection Resistor: Connect a 24.9kΩ, 1% resistor from this pin to
VPP.
2
PGOOD
PGOOD
Open Drain Output (active low): This flag is generated to indicate the
power rails (VPN_OUT) are ready.
3
RREF
RREF
Bias current resistor for the PD Interface. Connect a 240k 1% resistor
between this pin and VPN_IN.
4
RCLASS
RCLASS
Power Classification Setting: Connect external class resistor between
this pin and VPN_IN.
Ambient Temperature
Type
Package
Part Number
Packaging Type
-40°C to 85°C
RoHS2 compliant,
Pb-free
Matte Tin Pin Finish
QFN 5x5 Plastic 32 pin
PD70101ILQ (IEEE802.3af)
Bulk / Tube
PD70101ILQ-TR (IEEE802.3af)
Tape and Reel
PD70201ILQ (IEEE802.3at)
Bulk / Tube
PD70201ILQ-TR (IEEE802.3at)
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com