Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101ILQ Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PD70101ILQ
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70101ILQ Datasheet(HTML) 3 Page - Microsemi Corporation

  PD70101ILQ Datasheet HTML 1Page - Microsemi Corporation PD70101ILQ Datasheet HTML 2Page - Microsemi Corporation PD70101ILQ Datasheet HTML 3Page - Microsemi Corporation PD70101ILQ Datasheet HTML 4Page - Microsemi Corporation PD70101ILQ Datasheet HTML 5Page - Microsemi Corporation PD70101ILQ Datasheet HTML 6Page - Microsemi Corporation PD70101ILQ Datasheet HTML 7Page - Microsemi Corporation PD70101ILQ Datasheet HTML 8Page - Microsemi Corporation PD70101ILQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 3 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Pin
Number
PD70101
Pin Name
PD70201
Pin Name
Description
5
VPN_IN
VPN_IN
VPort Negative Input: Connected to the isolating switch input N-channel
MOSFET source.
6
N/C
N/C
Not Used.
7
N/C
AT_FLAG
Open Drain Output (active low): This flag indicates if the chip detects an
IEEE 802.3at compliant PSE.
8
VPN_OUT
VPN_OUT
VPort Negative Output: Connected to the isolating switch output. N-
channel MOSFET Drain.
9
N/C
N/C
Not Used.
10
ENABLE
ENABLE
Logic level Enable input for DC-DC controller. Pulling this pin to VL turns
on the DC-DC controller. This allows the DC-DC controller to be turned
on without power to the PD interface.
11
VINS
VINS
VPP input voltage sensing for UVLO comparator. Connect to an external
resistor divider from VPP to GND. Threshold is 1.2V reference.
12
HYST
HYST
Output of the VINS/UVLO comparator. This pin is used for VPP UVLO
hysteresis programming.
13
SYNC
SYNC
External Clock synchronization for the DC-DC controller. Connect an
external clock as defined in the EC table to this pin to synchronize the
DC-DC converter switching frequency to this clock. PG rising edge is
synchronized with the clock rising edge.
14
RFREQ
RFREQ
DC-DC Switching Frequency Setting. Connect a resistor from this pin to
GND to set the switching frequency.
15
SS
SS
Soft-start: Connect a capacitor from this pin to GND to set the soft-start
time of the DC-DC converter. This capacitor is charged with an internal
current source to 1.2V.
16
RCLP
RCLP
Low Power Mode Clamp. Connect a resistor from this pin to GND to
program the LPM clampimg voltage or connect this pin to GND to disable
LPM.
17
VSN
VSN
Differential Amplifier's negative input. Connect this to the junction of a
resistor divider from Vo- to GND for the Direct Buck converter
application.
18
VSP
VSP
Differential Amplifier's positive input. Connect this to the junction of a
resistor divider from Vo+ to GND for the Direct Buck converter
application.
19
COMP
COMP
Error Amplifier Output. Short to FB pin when driven directly with an
optoisolator for Isolated DC-DC Converter. Connect to FB via RC
compensation networks for Non-Isolated Direct Buck Converter.
20
DAO
DAO
Differential Amplifier Output. Connect to FB (externally) for Non-Isolated
Direct Buck Converter.
21
FB
FB
Inverting Input of the Error Amplifier. Connect to opto-coupler for Isolated
DC-DC. Connect to RC compensation networks for Non-isolated DC-DC
22
GND
GND
This is Analog GND. Connect to a local AGND plane. Soft-start capacitor
and the frequency setting resistor return to this local GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com