Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032ET Datasheet(PDF) 80 Page - STMicroelectronics

Part # M58WR032ET
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032ET Datasheet(HTML) 80 Page - STMicroelectronics

Back Button M58WR032ET Datasheet HTML 73Page - STMicroelectronics M58WR032ET Datasheet HTML 74Page - STMicroelectronics M58WR032ET Datasheet HTML 75Page - STMicroelectronics M58WR032ET Datasheet HTML 76Page - STMicroelectronics M58WR032ET Datasheet HTML 77Page - STMicroelectronics M58WR032ET Datasheet HTML 78Page - STMicroelectronics M58WR032ET Datasheet HTML 79Page - STMicroelectronics M58WR032ET Datasheet HTML 80Page - STMicroelectronics M58WR032ET Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
M58WR032ET, M58WR032EB
80/81
REVISION HISTORY
Table 44. Document Revision History
Date
Version
Revision Details
07-Aug-2002
1.0
First Issue
12-Dec-2002
1.1
Clear Status Register Command, Program/Erase Suspend Command, Set
Configuration Register Command and Factory Program Commands clarified; Tables
5, 7 and 9 modified; Erase Status Bit (SR5) and Wait Configuration Bit (CR8),
clarified; Asynchronous Read Mode, Synchronous Burst Read Mode and Single
Synchronous Read Mode, clarified;
WAIT Active Low bar removed from Figures 10, 11. Note 4 added to Figure 12 and
modified in Figure 13.
Package mechanical information corrected and Daisy Chain added (Figures 19 and
20). Data at address offsets 35h, 38h is reserved.
07-Feb-2003
1.2
85ns Speed Class removed, 80ns Speed Class added. 70ns Speed Class
characterized (certain timings modified).
Block numbering corrected in Table 28., Top Boot Block Addresses, M58WR032ET.
Address lines corrected in AC Waveforms. 2nd Bus Write Operation Address
modified for Enhanced Factory Program, Setup Program, in Table 7., Factory
Program Commands. Clear Status Register Command and Program Command
clarified. Data corrected at (P + 37)h = 70h offset in Table 39., Bank and Erase Block
Region 2 Information.
Datasheet promoted from Target Specification to Product Preview.
20-May-2003
1.3
Automatic Standby mode explained under Asynchronous Read Mode. Minor text
changes in Clear Status Register Command, Quadruple Enhanced Factory Program
Command and Synchronous Burst Read Mode.
Bank Erase Command moved from the Standard to the Factory Program
Commands. Number of Bank Erase cycles limited to 100. Erase replaced by Block
Erase in Tables 11 and 12, Dual Operations Allowed in Other Banks and the Same
Bank, respectively.
IPP2 parameter for VPP = VPPH removed from Table 18., DC Characteristics -
Currents.
VDDQ range split into two in Tables 20 and 21, Asynchronous and Synchronous Read
AC Characteristics: for VDDQ = 2.2V to 3.3V, tAVQV1, tELTV, tEHTZ, tEHQZ, tGLQV, tAVLH,
tELLH and tLLLH in Table 20 and all the timings in Table 21. were modified.
13-Apr-2004
2.0
Document promoted from Product Preview to Full Datasheet status. Small text
changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com