Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZ01 Datasheet(PDF) 8 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 8 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 4Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 5Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 6Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 7Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 8Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 9Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 10Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 11Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 12Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
5
SECTION 1: ELECTRICAL RATINGS
ELECTRICAL RATINGS - SEE SECTION 2 FOR DIMENSIONAL REFERENCES
BZ 01 CASE SIZE
Part
Number
Rated
Voltage
(Volts)
Capacitance
(mF)
ESR
(mOhms at 1 kHz)
Leakage
Current
(µA max)
Height
A-Lead
(mm)
Height
H-Lead
(mm)
Height
S-Lead
(mm)
Height
S-Lead
(AJ)*(mm)
Nominal
+80%, –20%
T ypical
Maximum
Maximum
H max
H max
H max
H max
3.6V
BZ013B503Z_B
3.6V
50
100
120
5
NA
NA
3.2
2.1
BZ013A703Z_B
70
140
168
5
3.5
6.4
4.0
2.9
BZ113B104Z_B
100
100
120
10
NA
NA
3.2
2.1
BZ013A144Z_B
140
70
84
5
5.3
8.2
5.8
NA
4.5V
BZ014B333Z_B
4.5V
33
150
180
5
NA
NA
3.5
2.4
5.5V
BZ015B303Z_B
5.5V
30
160
192
5
NA
NA
3.8
2.7
BZ015A503Z_B
50
160
192
5
4.1
7.0
4.6
3.5
BZ015B603Z_B
60
80
96
10
5.4
8.3
5.9
NA
BZ015A104Z_B
100
80
96
10
6.7
9.6
7.2
NA
9.0V
BZ019B223Z_B
9.0V
22
250
300
5
4.7
7.6
5.2
4.1
BZ019A333Z_B
33
250
300
5
5.5
8.4
6.0
4.9
12.0V
BZ01CB153Z_B
12.0V
15
350
420
5
5.9
8.8
6.4
5.3
BZ01CA223Z_B
22
350
420
5
7.1
10.0
7.6
6.5
16.0V
BZ01GB682ZSB
16.0V
6.8
400
480
10
6.8
20.0V
BZ01KB682ZSB
20.0V
6.8
400
480
10
6.8
* Select S-Lead BZ01 BestCap® are available with insulation on the bottom of the part and zero clearance from the PCB. See section 2.6 for dimensions. To order, please add
special requirement AJ to the end of the part number. Example: BZ013B503ZSBAJ
BZ 02 CASE SIZE
Part
Number
Rated
Voltage
(Volts)
Capacitance
(mF)
ESR
(mOhms at 1 kHz)
Leakage
Current
(µA max)
Height A-Lead
(mm)
Height
H-Lead (mm)
Height L-Lead
(mm)
Nominal
+80%, –20%
Typical
Maximum
Maximum
H max
H max
H max
3.6V
BZ023A284Z_B
3.6V
280
45
54
20
3.5
6.4
3.7
BZ023A564Z_B
560
25
30
40
5.3
8.2
5.5
5.5V
BZ025A204Z_B
5.5V
200
60
72
20
4.1
7.0
4.3
BZ025A404Z_B
400
35
42
40
6.7
9.6
6.9
BZ125A105Z_B
1000
35
42
120
6.7
9.6
6.9
9.0 V
BZ029A124Z_B
9.0V
120
70
84
20
5.8
8.7
6.0
12.0V
BZ02CA903Z_B
12.0V
90
90
108
20
7.4
10.3
7.6
16.0V
BZ12GA124Z_B
16.0V
120
160
192
60
9.1
9.1
All capacitance, ESR, and leakage current values listed in these tables are at room temperature only.
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Electrical Ratings (BZ01/02/05/09)
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com