Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFVS6 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # FFVS6
Description  Low Inductance Range Capacitor for Power Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FFVS6 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  FFVS6 Datasheet HTML 1Page - Kyocera Kinseki Corpotation FFVS6 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
■ JUNE 2015
FFVS series is a specific range of DC filtering capacitors
designed for use in high frequency, high ripple applications
beyond the limits of standard FFVE or FFVI.
Typical applications include DC power supply for induction
heating, resonant DC power supply for scanner, X-ray
machines, etc.
Due to the sophisticated internal design, stray inductance is
extremely low, between 8 and 13nH.
FFVS products are RoHs compliant.
PACKAGING MATERIAL
Self extinguishing plastic case (V0: in accordance with UL 94)
filled thermosetting resin.
Self extinguishing thermosetting resin (V0: in accordance with
UL 94; I3F1: in accordance with NF F 16-101).
DIMENSIONS
Threaded female terminals version M5 x 7.5mm are also
available, To order, the suffix becomes “JE” instead of “--”
84.5 (3.327) max
71.7 (2.823)
5.00
(0.197)
H+6.50±2.00
(H+0.256±0.079)
H±1.00
(H±0.039)
0.60
(0.024)
Ø84
(3.307)
M5x7.50
45.0±1.00
(1.772±0.039)
TPC
LABEL
84.5 (3.327) max
M8
20.0±1.00
(0.787±0.039)
H+6.00±2.00
(H+0.236±0.079)
45.0±1.00
(1.772±0.039)
TPC
LABEL
5.00
(0.197)
71.7 (2.823)
H±1.00
(H±0.039)
Coded date according to CEI62
Max Torque M5: 2.5Nm
Max Torque M8: 8.5Nm
* Mounting with Thermal interface Grease
Dimensions in millimeters (inches)
General Tolerance ±0.5 (±0.002)
101
(3.976)
(0.024)
Tightening Torque:
3N.m max
Plastic Case
Ø16.0 (0.630) min
Tinned Output
Resin
Ø5.50 [x2]
(0.217 [x0.079])
(3.307)
Threaded Female
Terminal Code JE
Threaded Male
Terminal Code --
Medium Power Film Capacitors
FFVS (RoHS Compliant)
Low Inductance Range Capacitor for Power Electronics
See Hot Spot Temperature, page 3.
θhot spot = θcase + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
Q x tg
δ0 ⇒ [ 1⁄2 x Cn x (Vpeak to peak)2 x f ] x tgδ0
tg
δ0 (tan delta)
For polypropylene, tg
δ0 = 2 x 10-4 for frequencies
up to 1MHz and is independent of temperatures.
For polyester, tg
δ0 values are shown in graph 4
on page 3.
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farad
Irms in Ampere
f in Hertz
Vin Volt
Rs in Ohm
θ in °C
Rth in °C/W
θcase = bottom center of case
HOW TO ORDER
FFVS
Series
6
Dielectric
6 = Polypropylene
K
Voltage
Code
K = 600V
B = 800V
C = 900V
L = 1000V
U = 1200V
N = 1900V
0226
Capacitance Code
K
Capacitance
Tolerances
K = ±10%
––
Terminal Code
– – = Male Threaded
JE = Female Threaded
Capacitance Values
with 2 significant
digits:
0 + pF code
0226 = 22μF
0147 = 140μF
etc.
Capacitance Values
with 3 significant
digits:
1956 = 195μF
1286 = 138μF
1356 = 135μF
HOT SPOT CALCULATION


Similar Part No. - FFVS6

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
Medium Power Film Capacitors
More results

Similar Description - FFVS6

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4237-A375 EPCOS-B25667-A4237-A375 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
Capacitors for Power Electronics
logo
Pulse A Technitrol Comp...
PG1083.503NLT PULSE-PG1083.503NLT Datasheet
856Kb / 2P
Inductance Range
logo
XFMRS Inc.
XF0013HV-HPCMC XFMRS-XF0013HV-HPCMC Datasheet
970Kb / 2P
Inductance Range
XF0013HV-VPCMC XFMRS-XF0013HV-VPCMC Datasheet
1Mb / 2P
Inductance Range
XF0023HV-CMC160 XFMRS-XF0023HV-CMC160 Datasheet
2Mb / 4P
Inductance Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com