Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A13FTA Datasheet(PDF) 3 Page - Texas Instruments

Part # ZXMP6A13FTA
Description  XTR111 Demonstration Fixture Users Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ZXMP6A13FTA Datasheet(HTML) 3 Page - Texas Instruments

  ZXMP6A13FTA Datasheet HTML 1Page - Texas Instruments ZXMP6A13FTA Datasheet HTML 2Page - Texas Instruments ZXMP6A13FTA Datasheet HTML 3Page - Texas Instruments ZXMP6A13FTA Datasheet HTML 4Page - Texas Instruments ZXMP6A13FTA Datasheet HTML 5Page - Texas Instruments ZXMP6A13FTA Datasheet HTML 6Page - Texas Instruments ZXMP6A13FTA Datasheet HTML 7Page - Texas Instruments ZXMP6A13FTA Datasheet HTML 8Page - Texas Instruments ZXMP6A13FTA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Hardware Features
2.2
External Connections
2.2.1
Power Supply
The power-supply connections for the EVM are located on the TB1 terminal block. The valid power-
supply range is +7 V to +44 V. The supplie is decoupled with a 10-µF tantalum capacitor, as well as a
1-µF ceramic capacitor near the device. The XTR111EVM also contains test points for the supply
voltage and ground located next to TB1.
2.2.2
Signal Input
Terminal block TB4 is used for the noninverting signal input, VIN. The valid range is from 0 V to +12 V.
A test point connected to VIN is located next to TB4.
2.2.3
Voltage Regulator
The XTR111 provides an externally-adjustable voltage regulator that can provide up to 5 mA of
current. The regulator has drive (REGF) and sense (REGS) inputs. Sense input REGS is referenced to
3 V, representing the lowest adjustable voltage level. An external resistor divider sets the drive input,
REGF. For the XTR111EVM, REGF is set to 5 V. REGF (named VREG on the XTR111EVM), is
accessible through terminal block TB3 and by a test point labeled VREG.
2.2.4
Output
The XTR111 is designed for use with a discrete p-channel MOSFET (Q3). This FET extends the
voltage compliance for the controlled current to a potential well below the negative supply voltage. The
current output for the XTR111EVM is located at terminal block TB2. A test point connected to IOUT is
located next to TB2. The XTR111EVM can be configured for a voltage output by shunting J2. There
are two test points connected to the voltage output circuit. The VOUT test point is placed directly at the
node of the resistive load, and VOUT_F provides a basic filter for the output.
2.2.5
Additional Test Points
The following list shows additonal test points:
•
OD is connected to the output disable pin of the XTR111. To disable the output, pull the OD pin high
by shunting J1.
•
EF is connected to the error flag pin of the XTR111. The EF pin is active low. When there is an error,
EF is pulled low and the LED circuit is enabled.
2.3
Jumper Configuration Settings
Jumper configurations for the XTR111EVM are shown in Section 3
Table 2. XTR111EVM Jumper Settings
Jumper
Function
J1
Connects OD to the onboard 5-V supply, disabling the output.
J2
Configures the current output to a voltage output.
J3
Applies a 4-mA input signal shift.
3
SBOU048C – April 2007 – Revised April 2013
XTR111 Demonstration Fixture User's Guide
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com