Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13610 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLVM13610 Datasheet HTML 9Page - Texas Instruments TLVM13610 Datasheet HTML 10Page - Texas Instruments TLVM13610 Datasheet HTML 11Page - Texas Instruments TLVM13610 Datasheet HTML 12Page - Texas Instruments TLVM13610 Datasheet HTML 13Page - Texas Instruments TLVM13610 Datasheet HTML 14Page - Texas Instruments TLVM13610 Datasheet HTML 15Page - Texas Instruments TLVM13610 Datasheet HTML 16Page - Texas Instruments TLVM13610 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
8.3 Feature Description
8.3.1 Input Voltage Range (VIN1, VIN2)
With a steady-state input voltage range from 3 V to 36 V, the TLVM13610 module is intended for step-down
conversions from typical 12-V, 24-V, and 28-V input supply rails. The schematic circuit in Figure 8-1 shows all the
necessary components to implement a TLVM13610-based buck regulator using a single input supply.
PG
EN
RT
PGND
AGND
VOUT1
FB
VLDOIN
VIN1
PGND
VIN2
CIN2
COUT
RFBB
TLVM13610
RRT
VIN = 3V to 36 V
RENT
RENB
Optional
external bias
RPG
VCC
PGOOD
indicator
VOUT = 1-10 V
CIN1
VOUT2
CBOOT
RBOOT
10 F
10 F
100 k
RFBT
CFF
Precision enable
for VIN UVLO
Adjustable
Switching
Frequency
Figure 8-1. TLVM13610 Schematic Diagram with Input Voltage Operating Range of 3 V to 36 V
The minimum input voltage required for start-up is 3.7 V. Take extra care to make sure that the voltage at the
VIN pins of the module (VIN1 and VIN2) does not exceed the absolute maximum voltage rating of 42 V during
line or load transient events. Voltage ringing at the VIN pins that exceeds the Section 7.1 can damage the IC.
8.3.2 Adjustable Output Voltage (FB)
The TLVM13610 has an adjustable output voltage range from 1 V up to a maximum of 20 V or slightly less than
VIN, whichever is lower. Setting the output voltage requires two feedback resistors, designated as RFBT and RFBB
in Figure 8-1. The reference voltage at the FB pin is set at 1 V with a feedback system accuracy over the full
junction temperature range of ±1%. The junction temperature range for the device is –40°C to 125°C.
Calculate the value for RFBB using Equation 1 below based on a recommended value for RFBT of 100 kΩ.
RFBBkΩ = RFBTkΩ
VOUT1−1 
(1)
Table 8-1 lists the standard resistor values for several output voltages and the recommended switching
frequency range to maintain reasonable peak-to-peak inductor ripple current. This table also includes the
minimum required output capacitance for each output voltage setting to maintain stability. The capacitances
as listed represent effective values for ceramic capacitors derated for DC bias voltage and temperature.
Furthermore, place a feedforward capacitor, CFF, in parallel with RFBT to increase the phase margin when the
output capacitance is close to the minimum recommended value.
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com