Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB101K2V751K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EB101K2V751K
Description  Safety Standard Recognized Ceramic Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB101K2V751K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EB101K2V751K Datasheet HTML 1Page - List of Unclassifed Manufacturers EB101K2V751K Datasheet HTML 2Page - List of Unclassifed Manufacturers EB101K2V751K Datasheet HTML 3Page - List of Unclassifed Manufacturers EB101K2V751K Datasheet HTML 4Page - List of Unclassifed Manufacturers EB101K2V751K Datasheet HTML 5Page - List of Unclassifed Manufacturers EB101K2V751K Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HITANO Enterprise Corp.
1
Y2 Cap.
ELECTRICAL SPECIFICATION
Safety Standard Recognized Ceramic Capacitor
Capacitance Range: 100PF to 10000PF
Test at 1.0 ± 0.2V RMS +25℃ and 1KHZ
Capacitance Tolerance:
K: ± 10%
M: ± 20%
Working Voltage:
UL,CUL,CSA: 250VAC
VDE, FIMKO, NEMKO, SEMKO, DEMKO, SEV: 400VAC, 250VAC
Dielectric Strength:
2600VAC For 60 Seconds
Dissipation Factor:
B (Y5P), E (Y5U): 2.5% max., test at 1.0 ± 0.2VRMS,25℃ at 1KHZ.
F (Y5V): 5.0% Max., test at 1.0 ± 0.2VRMS,25℃ at 1KHZ.
Insulation Resistance:
10,000 Megohms min at 500VDC
Temperature Characteristics:
T.C.
Cap. Change
Temp. Range
B (Y5P)
±10%
-25℃ to +85℃
E (Y5U)
+22-56%
-25℃ to +85℃
F (Y5V)
+22-82%
-25℃ to +85℃
Humidity Test:
T.C. Capacitance Change
Y5P 10% max
Y5U 20% max
Capacitance
Change
Y5V 30% max
T.C. Dissipation Factor:
Y5P 5.0% max
Y5U 5.0% max
D.F.
Y5V 7.5% max
Capacitors shall be subjected to a
temperature of 40 ± 2℃ and
relative humidity between 90-95%
for 500 ± 12 hours. And maintained
at normal temperature and
humidity for a period of 4-24 hours.


Similar Part No. - EB101K2V751K

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EB100 TEC-EB100 Datasheet
205Kb / 4P
High Accuracy Miniature Pressure Transducer
logo
DFI Inc
EB100-KU DFI-EB100-KU Datasheet
1Mb / 4P
Fanless Embedded System
EB100-KU0061-61 DFI-EB100-KU0061-61 Datasheet
1Mb / 4P
Fanless Embedded System
EB100-KU0061-63 DFI-EB100-KU0061-63 Datasheet
1Mb / 4P
Fanless Embedded System
EB100-KU0061-66 DFI-EB100-KU0061-66 Datasheet
1Mb / 4P
Fanless Embedded System
More results

Similar Description - EB101K2V751K

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKTMPX SHARMA-MKTMPX Datasheet
248Kb / 1P
SAFETY RECOGNIZED FILM CAPACITOR
MKTMPX SHARMA-MKTMPX_1 Datasheet
544Kb / 2P
SAFETY RECOGNIZED FILM CAPACITOR
logo
Suntan Capacitors
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
294931 MURATA-294931 Datasheet
181Kb / 10P
Safety Standard Recognized Ceramic Capacitors
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
logo
List of Unclassifed Man...
POE-D10-00-E-13 ETC2-POE-D10-00-E-13 Datasheet
397Kb / 18P
CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com