Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHP5 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SHP5
Description  Single and dual output 3 to 5 Watt Wide input DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SHP5 Datasheet(HTML) 2 Page - Artesyn Technologies

  SHP5 Datasheet HTML 1Page - Artesyn Technologies SHP5 Datasheet HTML 2Page - Artesyn Technologies SHP5 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INPUT
OUTPUT
OUTPUT
INPUT
TYPICAL
REGULATION (Typ.)
MODEL
VOLTAGE
VOLTAGE
CURRENT
CURRENT
EFFICIENCY
LINE
LOAD
NUMBER
4.5-9VDC
2.1V
1000mA
724mA
58%
±0.1%
±0.3%
SHP5-05S2V1 (4)
4.5-9VDC
3.3V
1000mA
956mA
69%
±0.1%
±0.3%
SHP5-05S3V3 (4)
4.5-9VDC
5.0V
600mA
769mA
75%
±0.1%
±0.3%
SHP5-05S05 (4)
4.5-9VDC
12V
250mA
800mA
75%
±0.1%
±0.3%
SHP5-05S12 (4)
4.5-9VDC
15V
200mA
800mA
75%
±0.1%
±0.3%
SHP5-05S15 (4)
4.5-9VDC
±5.0V
±300mA
800mA
75%
±0.1%
±0.3%
SHP5-05D05 (4)
4.5-9VDC
±12V
±125mA
800mA
75%
±0.1%
±0.3%
SHP5-05D12 (4)
4.5-9VDC
±15V
±100mA
800mA
75%
±0.1%
±0.3%
SHP5-05D15 (4)
9-18VDC
2.1V
1000mA
287mA
61%
±0.1%
±0.3%
SHP5-12S2V1
9-18VDC
3.3V
1000mA
387mA
71%
±0.1%
±0.3%
SHP5-12S3V3
9-18VDC
5.0V
1000mA
534mA
78%
±0.1%
±0.3%
SHP5-12S05
9-18VDC
12V
420mA
534mA
78%
±0.1%
±0.3%
SHP5-12S12
9-18VDC
15V
350mA
534mA
78%
±0.1%
±0.3%
SHP5-12S15
9-18VDC
±5.0V
±300mA
333mA
75%
±0.1%
±0.3%
SHP5-12D05
9-18VDC
±12V
±210mA
545mA
77%
±0.1%
±0.3%
SHP5-12D12
9-18VDC
±15V
±170mA
551mA
77%
±0.1%
±0.3%
SHP5-12D15
18-36VDC
2.1V
1000mA
144mA
61%
±0.1%
±0.3%
SHP5-24S2V1
18-36VDC
3.3V
1000mA
193mA
71%
±0.1%
±0.3%
SHP5-24S3V3
18-36VDC
5.0V
1000mA
267mA
78%
±0.1%
±0.3%
SHP5-24S05
18-36VDC
12V
420mA
267mA
78%
±0.1%
±0.3%
SHP5-24S12
18-36VDC
15V
350mA
267mA
78%
±0.1%
±0.3%
SHP5-24S15
18-36VDC
±5.0V
±300mA
166mA
75%
±0.1%
±0.3%
SHP5-24D05
18-36VDC
±12V
±210mA
272mA
77%
±0.1%
±0.3%
SHP5-24D12
18-36VDC
±15V
±170mA
275mA
77%
±0.1%
±0.3%
SHP5-24D15
36-72VDC
2.1V
1000mA
71mA
61%
±0.1%
±0.3%
SHP5-48S2V1
36-72VDC
3.3V
1000mA
96mA
71%
±0.1%
±0.3%
SHP5-48S3V3
36-72VDC
5.0V
1000mA
133mA
78%
±0.1%
±0.3%
SHP5-48S05
36-72VDC
12V
420mA
133mA
78%
±0.1%
±0.3%
SHP5-48S12
36-72VDC
15V
350mA
133mA
78%
±0.1%
±0.3%
SHP5-48S15
36-72VDC
±5.0V
±300mA
83mA
75%
±0.1%
±0.3%
SHP5-48D05
36-72VDC
±12V
±210mA
136mA
77%
±0.1%
±0.3%
SHP5-48D12
36-72VDC
±15V
±170mA
136mA
77%
±0.1%
±0.3%
SHP5-48D15
0W
0
°C20°C
40
°C 60°C 80°C 100°C 120°C
-25
°C
90
°C
DERATING CURVE
Output Power (Watts)
50
°C
5W
Ambient Temperature (
°C)
Notes
1
An optional internal filter is available, which will meet EN55022 level B.
Add the suffix ‘-F’ to the model number, e.g. SHP5-12S05-F. The suffix
‘-F’ option is not available on the 5VDC input models.
2
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
3
Extended operating temperature range is available as an option. To
specify a SHP5 that operates down to -40
°C, add the suffix ‘-4’ to the
model number, e.g. SHP5-12S05-4.
4
5VDC input, max. 3 Watts output power.
3 to 5 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
3-5W DC/DC
PAGE 2
http://www.artesyn.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com