Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL15E Datasheet(PDF) 21 Page - Artesyn Technologies

Part # SIL15E
Description  3.0 Vin to 5.5 Vin Single output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL15E Datasheet(HTML) 21 Page - Artesyn Technologies

Back Button SIL15E Datasheet HTML 15Page - Artesyn Technologies SIL15E Datasheet HTML 16Page - Artesyn Technologies SIL15E Datasheet HTML 17Page - Artesyn Technologies SIL15E Datasheet HTML 18Page - Artesyn Technologies SIL15E Datasheet HTML 19Page - Artesyn Technologies SIL15E Datasheet HTML 20Page - Artesyn Technologies SIL15E Datasheet HTML 21Page - Artesyn Technologies SIL15E Datasheet HTML 22Page - Artesyn Technologies SIL15E Datasheet HTML 23Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SIL15E Series
| 15 A DC-DC Converter
E Class Non-Isolated
21
www.artesyn.com
File Name :lf_sil15e_05.pdf Rev (03): 22 Dec 2005
1.900 (48.26)
0.050 (1.27)
0.100 (2.54)
FRONT VIEW
0.500 (12.70)
0.635 (16.13)
0.135 (3.43)
PCB
0.168 (4.26)
SIDE VIEW
J1
J2
15
4
3
2
1
56
3
2
0.025
± 0.001
(0.64
±0.02)
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Place
±0.15
3 Place
±0.006
0.307
±0.008
(7.80
±0.20)
2.000
±0.020
(50.80
±0.50)
Figure 34: Mechanical Drawing
Figure 35: Pinout
Pin Connections
Pin No.
Function
J1-1
+Vout
J1-2
+Vout
J1-3
Remote Sense (+)
J1-4
+Vout
J1-5
Ground
J2-1
Ground
J2-2
+Vin
J2-3
+Vin
J2-4
No Pin
J2-5
Trim
J2-6
Remote ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com