Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935D1C104F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 935D1C104F
Description  METALLIZED POLYPROPYLENE CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

935D1C104F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  935D1C104F Datasheet HTML 1Page - List of Unclassifed Manufacturers 935D1C104F Datasheet HTML 2Page - List of Unclassifed Manufacturers 935D1C104F Datasheet HTML 3Page - List of Unclassifed Manufacturers 935D1C104F Datasheet HTML 4Page - List of Unclassifed Manufacturers 935D1C104F Datasheet HTML 5Page - List of Unclassifed Manufacturers 935D1C104F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
®
METALLIZED POLYPROPYLENE CAPACITORS
935 SERIES
FLAME RETARDANT
931A
EPOXY CASE,
RECTANGULAR
AXIAL LEADS
FLAME RETARDANT
932A
EPOXY CASE,
RECTANGULAR
RADIAL LEADS
FLAME RETARDANT
935B
WRAP AND FILL, OVAL
FLAME RETARDANT
935D
WRAP AND FILL, ROUND
SERIES NO.
DESCRIPTION
3366 Pomona Blvd. • Pomona, CA 91768 • TEL: (909) 595-4037 • FAX: (909) 595-0186
e-mail: esales@electrocube.com • Internet: www.electrocube.com • (IR: 9/99)
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com