Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1121C Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSM1121C
Description  3.3V 5V 12V HOUSEKEEPING IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1121C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSM1121C Datasheet HTML 3Page - STMicroelectronics TSM1121C Datasheet HTML 4Page - STMicroelectronics TSM1121C Datasheet HTML 5Page - STMicroelectronics TSM1121C Datasheet HTML 6Page - STMicroelectronics TSM1121C Datasheet HTML 7Page - STMicroelectronics TSM1121C Datasheet HTML 8Page - STMicroelectronics TSM1121C Datasheet HTML 9Page - STMicroelectronics TSM1121C Datasheet HTML 10Page - STMicroelectronics TSM1121C Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Information
TSM1121
9/11
Truth Table for OVP and UVP detection
EP
PI
Vsxx
Rem
Fault
PG
Power supply
state
Vref
Vref
OK
1
1
0
Remote
Vref
Vref
OK
0
0
1
OK
Vref
Vref
OVP on Vsxx
0
1
0
OVP detected
Vref
Vref
OK
0
1
1
Fault latched
Vref
Vref
OK
1
1
0
Remote
Vref
Vref
OK
0
0
1
OK
Vref
<1.28V
OK
0
0
0
UVP detected on PI
Vref
Vref
OK
0
0
1
OK
<1.28V
Vref
OK
0
1
0
UVP detected on EP
Vref
Vref
OK
0
1
0
Fault latched
Vref
Vref
OK
1
1
0
Remote
Vref
Vref
OK
0
0
1
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com