Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL120 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SL120
Description  Single output 115/230 VAC input Floating output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SL120 Datasheet(HTML) 2 Page - Artesyn Technologies

  SL120 Datasheet HTML 1Page - Artesyn Technologies SL120 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT
OUTPUT (1)
OUTPUT (2)
REGULATION (3)
NOISE
MODEL NUMBER
POWER
VOLTAGE
ADJ. RANGE
LINE (4)
LOAD (5)
PK-PK
100W
5V@20A
4.5 to 5.5V
±0.2%
±2.0%
±1.0%
SL120-4605
220W
5V@44A
4.5 to 5.5V
±0.2%
±1.0%
±1.0%
SL220-4605 (6)
220W
24V@9A
18 to 26V
±0.2%
±1.0%
±1.0%
SL220-4624 (6)
Notes
1
Peak current in excess of the maximum indicated rating may be available
on some outputs. However, this will effect output regulation. Consult
factory for details.
2
Other output voltage versions available. Consult factory for details.
3
20% of rated output loading is required to ensure operation within
specified regulation limits.
4
Measured from low line to high line at full load.
5
Measured at 60% full load, ±40%.
6
The SL220-4605 offers an auxiliary 24V output, rated at 2A on pin 7. The
SL220-4624 offers an auxiliary 48V output, rated at 1A on pin 7.
7
Output sense will compensate for up to 3VDC load line drop. The output
current limit increases with output voltage. Care must be taken not to
exceed the maximum output power capability of the power supply.
8
Derate linearly from rated power at 50°C to half rated power at 70°C.
9
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
Mechanical notes
A
Dashed line indicates minimum clearance.
B
Connect JP1 to either E1 (110V) or E2 (220V) as required.
3.22
(81.79)
ALL DIMENSIONS IN INCHES (mm)
11.50
(292.1)
2.20
(55.88)
0.250
(6.35)
SL120
OUTPUT VOLTAGE
ADJUSTMENT
6-32 SCREW TYP
11.50
(292.10)
1.50
(38.10)
PIN 1
110V
6-32 THREADED
INSERTS 4 PLACES
- 2 MAX. DP.
3.50
(88.9)
0.67
(17.02)
SL220
BEAU. INC.
72-5-09C
E2 (230V)
PIN 1
KULKA ELECT.
4597A-6-32-02
PIN 1
E1 (110V)
6-32 SCREW
TYP
4.15
(105.41
4.65
(118.11)
11.00
(279.4)
F1 5A
250V
0.156 (3.96)
DIA. 4
PLACES
14.50
± 0.02
(368.30
± 0.06)
14.00
(355.6)
0.250
(6.35)
0.187
(4.75) DIA.
4 PLACES
1.60
(40.64)
0.87
(22.10)
2.72
(69.09)
A
230V
P1
P2
JP1
P1
B
4.87
(123.70)
A
International Safety Standard Approvals: SL120-4605 only
VDE0805/EN60950 File No. 10401-3336-1006, Licence No. 4345
UL478 Reg. File No. E131987
CSA Bulletin No. 1402C, File No. LR41062C
PIN CONNECTIONS
P1
SL220
Pin 1
AC Live
Pin 2
AC Ground
Pin 3
AC Neutral
P2
Pin 1
DC Output
Pin 2
DC Output
Pin 3
DC Output
Pin 4
Return
Pin 5
Return
Pin 6
Return
Pin 7
Auxiliary Output (6)
Pin 8
N/C
Pin 9
N/C
Pin 10
+Remote Sense (7)
Pin 11
–Remote Sense (7)
PIN CONNECTIONS
P1
SL120
Term 1
AC Ground
Term 2
AC Neutral
Term 3
AC Live
P2
Term 1
DC Output
Term 2
DC Output
Term 3
DC Output
Term 4
Return
Term 5
Return
Term 6
Return
Term 7
N/C
Term 8
+Remote Sense (7)
Term 9
–Remote Sense (7)
100 to 220 Watt
AC/DC user-selectable input switch mode power supplies
AC/DC POWER SUPPLIES
|
100-220W AC
PAGE 2
http://www.artesyn.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com