Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT06C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SMT06C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT06C Datasheet(HTML) 2 Page - Artesyn Technologies

  SMT06C Datasheet HTML 1Page - Artesyn Technologies SMT06C Datasheet HTML 2Page - Artesyn Technologies SMT06C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SMT06C Series
5 Vin and 12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
2
NEW Product
File Name: smt06c.pdf Rev (03): 15 Dec 2005
N
No
otte
es
s
1
di/dt = 10 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max. to
0.75 lo max. and 0.75 lo max. to 0.5 lo max.
2
Measured with external filter. See Application Note 169 for details.
3
Power up is the time from application of dc input to Power Good high.
Remote ON/OFF asserted high to Power Good high.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Measured as per recommended set-up. Cin = 270 µF (20 m
Ω ESR
max.). Cout = 680 µF (10 m
Ω ESR max.).
6
Uses external resistor from trim to ground. Minimum value 485
Ω for 5 V
model, 280
Ω for 12 V model. See Application Note 169 for details.
7
Signal line assumed <3 m.
8
External input fusing recommended.
9
See Application Note 169 for operation above 50 ºC.
10 See Application Note 169 for more details.
11 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
12 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
R
Riip
pp
plle
e a
an
nd
d N
No
oiis
se
e S
Sp
pe
ec
ciiffiic
ca
attiio
on
n
Output
Model
Voltage
Pk - Pk
RMS
5 V input models 0.9 Vdc to 2.5 Vdc
30 mV
15 mV
3.3 Vdc
40 mV
15 mV
12 V input models 0.9 Vdc to 2.5 Vdc
40 mV
20 mV
3.3 Vdc to 5 Vdc
50 mV
20 mV
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(11,12)
(MAX.)
(MIN.)
(MAX.)
20 W
4.5-5.5 Vdc
0.9-3.3 Vdc
0 A
6 A
89%
±0.2%
±0.5%
SMT06C-05SADJJ
30 W
10.2-13.8 Vdc
0.9-5.0 Vdc
0 A
6 A
91%
±0.2%
±0.5%
SMT06C-12SADJJ
SMT06C-12SADJJ
Part Number System with Options
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SMT = Surface Mount
Performance
C = Cost Optimized
Input Voltage
05 = 4.5 Vdc to 5.5 Vdc
12 = 10.2 Vdc to 13.8 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT06C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT06C series converter
leaves the factory the output has been adjusted to the default voltage of 0.9 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SM
MT
T0
06
6C
C S
Se
erriie
es
s
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950
UL 60950 File No. E139421
TÜV Product Service (EN60950:2000)
Certificate No. B 04 08 19870 228
CB report and certificate to US/6415C/UL
Packaging Options (11)
J = Pb-free (RoHS 6/6 compliant)
Rated Output Current
06 = 6 A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com