Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 5Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 6Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 7Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 8Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 9Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 10Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 11Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 12Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
DS5319 Rev 18
9/116
STM32F103x8, STM32F103xB
Introduction
115
1
Introduction
This document provides the ordering information and mechanical device characteristics of
the STM32F103x8 and STM32F103xB medium-density performance line microcontrollers.
For more details on the whole STMicroelectronics STM32F103xx family, refer to
Section 2.2: Full compatibility throughout the family.
The medium-density STM32F103xx datasheet must be read in conjunction with the low-,
medium- and high-density STM32F10xxx reference manual. The reference and Flash
programming manuals are both available from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M3 core refer to the Cortex®-M3 Technical
Reference Manual, available from the www.arm.com website.
2
Description
The STM32F103xx medium-density performance line family incorporates the
high-performance Arm® Cortex®-M3 32-bit RISC core operating at a 72 MHz frequency,
high-speed embedded memories (Flash memory up to 128 Kbytes and SRAM up to
20 Kbytes), and an extensive range of enhanced I/Os and peripherals connected to two
APB buses. All devices offer two 12-bit ADCs, three general purpose 16-bit timers plus one
PWM timer, as well as standard and advanced communication interfaces: up to two I2Cs
and SPIs, three USARTs, an USB and a CAN.
The devices operate from a 2.0 to 3.6 V power supply. They are available in both the –40 to
+85 °C temperature range and the –40 to +105 °C extended temperature range. A
comprehensive set of power-saving mode allows the design of low-power applications.
The STM32F103xx medium-density performance line family includes devices in six different
package types: from 36 pins to 100 pins. Depending on the device chosen, different sets of
peripherals are included, the description below gives an overview of the complete range of
peripherals proposed in this family.
These features make the STM32F103xx medium-density performance line microcontroller
family suitable for a wide range of applications such as motor drives, application control,
medical and handheld equipment, PC and gaming peripherals, GPS platforms, industrial
applications, PLCs, inverters, printers, scanners, alarm systems, video intercoms, and
HVACs.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com