Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8H6TR Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F103C8H6TR
Description  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8H6TR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F103C8H6TR Datasheet HTML 82Page - STMicroelectronics STM32F103C8H6TR Datasheet HTML 83Page - STMicroelectronics STM32F103C8H6TR Datasheet HTML 84Page - STMicroelectronics STM32F103C8H6TR Datasheet HTML 85Page - STMicroelectronics STM32F103C8H6TR Datasheet HTML 86Page - STMicroelectronics STM32F103C8H6TR Datasheet HTML 87Page - STMicroelectronics STM32F103C8H6TR Datasheet HTML 88Page - STMicroelectronics STM32F103C8H6TR Datasheet HTML 89Page - STMicroelectronics STM32F103C8H6TR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
Package information
STM32F103x8, STM32F103xB
86/116
DS5319 Rev 18
6.3
LFBGA100 package information
This LFBGA is a 100-ball, 10x10 mm, low-profile fine pitch ball grid array, 0.8 mm pitch
Figure 47. LFBGA100 outline
1. Drawing is not to scale.
Table 53. LFBGA100 mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
1.700
-
-
0.0669
A1
0.270
-
-
0.0106
-
-
A2
-
0.300
-
-
0.0118
-
A4
-
-
0.800
-
-
0.0315
b
0.450
0.500
0.550
0.0177
0.0197
0.0217
D
9.850
10.000
10.150
0.3878
0.3937
0.3996
D1
-
7.200
-
-
0.2835
-
E
9.850
10.000
10.150
0.3878
0.3937
0.3996
E1
-
7.200
-
-
0.2835
-
e
-
0.800
-
-
0.0315
-
F
-
1.400
-
-
0.0551
-
ddd
-
-
0.120
-
-
0.0047
eee
-
-
0.150
-
-
0.0059
fff
-
-
0.080
-
-
0.0031
H0_ME_V2
Seating plane
A4
A1
e
F
F
D
K
eee
Z Y X
fff
Øb (100 balls)
Ø
Ø
A
M
M
E
TOP VIEW
BOTTOM VIEW
1
10
e
A
A2
Z
Y
X
Z
ddd Z
D1
E1
A1 ball
identifier
A1 ball
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com