Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8I6TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F103C8I6TR
Description  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8I6TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F103C8I6TR Datasheet HTML 35Page - STMicroelectronics STM32F103C8I6TR Datasheet HTML 36Page - STMicroelectronics STM32F103C8I6TR Datasheet HTML 37Page - STMicroelectronics STM32F103C8I6TR Datasheet HTML 38Page - STMicroelectronics STM32F103C8I6TR Datasheet HTML 39Page - STMicroelectronics STM32F103C8I6TR Datasheet HTML 40Page - STMicroelectronics STM32F103C8I6TR Datasheet HTML 41Page - STMicroelectronics STM32F103C8I6TR Datasheet HTML 42Page - STMicroelectronics STM32F103C8I6TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
DS5319 Rev 18
39/116
STM32F103x8, STM32F103xB
Electrical characteristics
115
5.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions for TA.
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 11 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 9.
Table 10. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
µs/V
VDD fall time rate
20
Table 11. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0] = 000 (rising edge)
2.10
2.18
2.26
V
PLS[2:0] = 000 (falling edge)
2,00
2.08
2.16
PLS[2:0] = 001 (rising edge)
2.19
2.28
2.37
PLS[2:0] = 001 (falling edge)
2.09
2.18
2.27
PLS[2:0] = 010 (rising edge)
2.28
2.38
2.48
PLS[2:0] = 010 (falling edge)
2.18
2.28
2.38
PLS[2:0] = 011 (rising edge)
2.38
2.48
2.58
PLS[2:0] = 011 (falling edge)
2.28
2.38
2.48
PLS[2:0] = 100 (rising edge)
2.47
2.58
2.69
PLS[2:0] = 100 (falling edge)
2.37
2.48
2.59
PLS[2:0] = 101 (rising edge)
2.57
2.68
2.79
PLS[2:0] = 101 (falling edge)
2.47
2.58
2.69
PLS[2:0] = 110 (rising edge)
2.66
2.78
2.90
PLS[2:0] = 110 (falling edge)
2.56
2.68
2.80
PLS[2:0] = 111 (rising edge)
2.76
2.88
3.00
PLS[2:0] = 111 (falling edge)
2.66
2.78
2.90
VPVDhyst(2)
PVD hysteresis
-
-
100
-
mV
VPOR/PDR
Power on/power down
reset threshold
Falling edge
1.8(1)
1. The product behavior is specified by design down to the minimum VPOR/PDR value.
1.88
1.96
V
Rising edge
1.84
1.92
2.0
VPDRhyst(2)
PDR hysteresis
-
-
40
-
mV
TRSTTEMPO(2)
2. Specified by design, not tested in production.
Reset temporization
-
1.0
2.5
4.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com