Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CBI6TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F103CBI6TR
Description  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBI6TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F103CBI6TR Datasheet HTML 34Page - STMicroelectronics STM32F103CBI6TR Datasheet HTML 35Page - STMicroelectronics STM32F103CBI6TR Datasheet HTML 36Page - STMicroelectronics STM32F103CBI6TR Datasheet HTML 37Page - STMicroelectronics STM32F103CBI6TR Datasheet HTML 38Page - STMicroelectronics STM32F103CBI6TR Datasheet HTML 39Page - STMicroelectronics STM32F103CBI6TR Datasheet HTML 40Page - STMicroelectronics STM32F103CBI6TR Datasheet HTML 41Page - STMicroelectronics STM32F103CBI6TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 116 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
38/116
DS5319 Rev 18
5.3
Operating conditions
5.3.1
General operating conditions
Table 9. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
72
MHz
fPCLK1
Internal APB1 clock frequency
-
0
36
fPCLK2
Internal APB2 clock frequency
-
0
72
VDD
Standard operating voltage
-
2
3.6
V
VDDA(1)
1. When the ADC is used, refer to Table 46.
Analog operating voltage
(ADC not used)
Must be the same potential
as VDD(2)
2. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV
between VDD and VDDA can be tolerated during power-up and operation.
23.6
Analog operating voltage
(ADC used)
2.4
3.6
VBAT
Backup operating voltage
-
1.8
3.6
VIN
I/O input voltage
Standard IO
–0.3
VDD+
0.3
V
FT IO(3)
3. To sustain a voltage higher than VDD + 0.3 V, the internal pull-up/pull-down resistors must be disabled.
2 V < VDD  3.6 V –0.3
5.5
VDD = 2 V
–0.3
5.2
BOOT0
0
5.5
PD
Power dissipation at
TA = 85 °C for suffix 6 or 
TA = 105 °C for suffix 7(4)
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 6.9).
LFBGA100
-
454
mW
LQFP100
-
434
UFBGA100
-
339
TFBGA64
-
308
LQFP64
-
444
LQFP48
-
363
UFQFPN48
-
624
VFQFPN36
-
1000
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
–40
85
°C
Low-power dissipation(5)
5. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Section 6.9).
–40
105
Ambient temperature for 7
suffix version
Maximum power dissipation
–40
105
Low-power dissipation(5)
–40
125
TJ
Junction temperature range
6 suffix version
–40
105
7 suffix version
–40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com