Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2030T-I/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2030T-I/ST
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030T-I/ST Datasheet(HTML) 4 Page - Microchip Technology

  MCP2030T-I/ST Datasheet HTML 1Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 2Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 3Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 4Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 5Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 6Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 7Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 8Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
MCP2030
DS21981A-page 4
© 2005 Microchip Technology Inc.
AC Characteristics
Electrical Specifications: Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TA ≤ +85°C
LCCOM connected to VSS
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Parameters
Sym.
Min.
Typ†
Max.
Units
Conditions
Input Sensitivity
VSENSE
13.0
6
mVPP
VDD = 3.0V
Output enable filter disabled
AGCSIG = 0; MODMIN = 00
(33% modulation depth setting)
Input = Continuous Wave (CW)
Output = Logic level transition from
low-to-high at sensitivity level for CW input.
Coil de-Q’ing Voltage -
RF Limiter (RFLM) must be active
VDE_Q
3—
5
V
VDD = 3.0V, Force IIN = 5
μA (worst case)
RF Limiter Turn-on Resistance
(LCX, LCY, LCZ)
RFLM
—
300
700
Ω
VDD = 2.0V, VIN = 8 VDC
Sensitivity Reduction
SADJ
—
—
0
-30
—
—
dB
dB
VDD = 3.0V
No sensitivity reduction selected
Max. reduction selected
Monotonic increment in attenuation value
from setting = 0000 to 1111 by design
Minimum Modulation Depth
60% setting
33% setting
14% setting
8%
VIN_MOD
—
—
—
60
33
14
8
84
49
26
%
%
%
%
VDD = 3.0V
See Section 5.21 “Minimum Modulation
Depth Requirement for Input Signal”.
See Modulation Depth Definition in
Figure 5-5.
Carrier frequency
FCARRIER
—125
—
kHz
Input modulation frequency
FMOD
—
—
10
kHz
Input data rate with NRZ data format.
VDD = 3.0V
Minimum modulation depth setting = 33%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 100%
LCX Tuning Capacitor
CTUNX
—
44
0
59
—
82
pF
pF
VDD = 3.0V,
Config. Reg. 1, bits <6:1> Setting = 000000
63 pF ±30%
Config. Reg. 1, bits <6:1> Setting = 111111
63 steps, approx. 1 pF/step
Monotonic increment in capacitor value from
setting = 000000 to 111111 by design
LCY Tuning Capacitor
CTUNY
—
44
0
59
—
82
pF
pF
VDD = 3.0V,
Config. Reg. 2, bits <6:1> Setting = 000000
63 pF ±30%
Config. Reg. 2, bits <6:1> Setting = 111111
63 steps, approx. 1 pF/step
Monotonic increment in capacitor value from
setting = 000000 to 111111 by design
LCZ Tuning Capacitor
CTUNZ
—
44
0
59
—
82
pF
pF
VDD = 3.0V,
Config. Reg. 3, bits<6:1> Setting = 000000
63 pF ±30%
Config. Reg. 3, bits<6:1> Setting = 111111
63 steps, approx. 1 pF/step
Monotonic increment in capacitor value from
setting = 000000 to 111111 by design
Q of Internal Tuning Capacitors
Q_C
50 *
—
—
Demodulator Charge Time
(delay time of demodulated output to rise)
TDR
—50
—
μsV
DD = 3.0V
Minimum modulation depth setting = 33%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 100%
*
Parameter is characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
2:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com