Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CM11-R0ADD Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-CM11-R0ADD
Description  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CM11-R0ADD Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-CM11-R0ADD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CM11-R0ADD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CM11-R0ADD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CM11-R0ADD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CM11-R0ADD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CM11-R0ADD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CM11-R0ADD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CM11-R0ADD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CM11-R0ADD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Dimensions
1.14
± 0.20
(0.045
± 0.008)
NOTE 1
5.80
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
2.35 (0.093)
MAX.
CATHODE
FLAT
Package A
Package B
5.80
± 0.20
(0.228
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
CATHODE
FLAT
1.14
± 0.20
(0.045
± 0.008)
NOTE 1
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.50
± 0.15
(0.059
± 0.006)
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
DIMENSION H
(REFER TO TABLE BELOW)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
NOTES:
1. MEASURED JUST ABOVE FLANGE.
2. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
3. EPOXY MENISCUS MAY EXTEND ABOUT 1 mm (0.040") DOWN THE LEADS.
4. IF HEAT SINKING APPLICATION IS REQUIRED, THE TERMINAL FOR HEAT SINK IS ANODE.
DIMENSION H:
15
° = 11.40 ± 0.25 mm (0.449 ± 0.01 INCH)
23
° = 11.85 ± 0.25 mm (0.467 ± 0.01 INCH)
30
° = 11.50 ± 0.25 mm (0.453 ± 0.01 INCH)
CATHODE
LEAD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com