Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS3A
Description  3 Amp. Surface Mounted Glass Passivated Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS3A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS3A Datasheet HTML 1Page - List of Unclassifed Manufacturers FS3A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage
50 to 1000 V
Current
3.0 A
FS3A ........ FS3M
3 Amp. Surface Mounted Glass Passivated Rectifier
• Glass passivated junction
• High current capability
• The plastic material carries U/L 94 V-0
• Low profile package
• Easy pick and place
• High temperature soldering 260 ºC 10 sec
Dimensions in mm.
CASE:
SMC/DO-214AB
Maximum Ratings and Electrical Characteristics at 25 ºC
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Forward current at T
L = 75 ºC
V
RRM
V
RMS
V
DC
I
F(AV)
I
FSM
V
F
I
R
Maximum DC Reverse Current
at Rated DC Blocking Voltage
MECHANICAL DATA
Terminals: Solder plated, solderable per IEC 68-2-20.
Standard Packaging: 8 mm. tape (EIA-RS-481).
Weight: 1.12 g.
Maximum Instantaneous Forward
Voltage at 3 A
Ta = 25 ºC
Ta = 125 ºC
Typical Junction Capacitance (1MHz; -4V)
C
j
Typical Thermal Resistance
(5x5 mm2 x 130 µ Copper Area)
Operating Junction and Storage
Temperature Range
8.3 ms. peak forward surge current
(Jedec Method)
T
j - Tstg
R
th (j-l)
Rth (j-a)
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
3 A
100 A
1.15 V
60 pF
10 µA
250 µA
13 ºC/W
47 ºC/W
-55 to + 150 ºC
®
Jun - 03
FS3M
FS3K
FS3J
FS3G
FS3D
FS3B
FS3A
Marking Code
T7
T6
T5
T4
T3
T2
T1
2.8
7.2
Standard soldering pad
1.25 ± 0.25
7.8 ± 0.3
1.25 ± 0.25
Week code
Year code
Type No. Closs


Similar Part No. - FS3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS3A ETC1-FS3A Datasheet
87Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFERS
logo
Shenzhen Luguang Electr...
FS3A LUGUANG-FS3A Datasheet
247Kb / 2P
3.0AMPS. Surface Mount Fast Recovery Rectifiers
logo
YENYO TECHNOLOGY Co., L...
FS3A YENYO-FS3A Datasheet
665Kb / 2P
Surface Mount Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
FS3A ZSELEC-FS3A Datasheet
73Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY DIODE
logo
First Silicon Co., Ltd
FS3A010170D FS-FS3A010170D Datasheet
545Kb / 4P
Silicon Carbide Schottky Diode
2021. 11. 24 Revision No : 0
More results

Similar Description - FS3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31DF2 ETC-31DF2 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
FUF5400 ETC-FUF5400 Datasheet
38Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
FRS3A ETC-FRS3A Datasheet
49Kb / 2P
3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FES3A ETC-FES3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FRS2A ETC1-FRS2A Datasheet
48Kb / 2P
1.5 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FSS32 ETC1-FSS32 Datasheet
48Kb / 2P
3 Amp. Surface Mounted Schottky Barrier Rectifier
FES2A ETC1-FES2A Datasheet
51Kb / 2P
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FESIA ETC-FESIA Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
Micro Commercial Compon...
1N5416GP MCC-1N5416GP Datasheet
304Kb / 3P
3 Amp Glass Passivated Rectifier 1600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com