Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM293
Description  Low Offset Voltage Dual Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM293 Datasheet(HTML) 2 Page - ON Semiconductor

  LM293 Datasheet HTML 1Page - ON Semiconductor LM293 Datasheet HTML 2Page - ON Semiconductor LM293 Datasheet HTML 3Page - ON Semiconductor LM293 Datasheet HTML 4Page - ON Semiconductor LM293 Datasheet HTML 5Page - ON Semiconductor LM293 Datasheet HTML 6Page - ON Semiconductor LM293 Datasheet HTML 7Page - ON Semiconductor LM293 Datasheet HTML 8Page - ON Semiconductor LM293 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM393, LM293, LM2903, LM2903V, NCV2903
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
+36 or
±18
Vdc
Input Differential Voltage Range
VIDR
36
Vdc
Input Common Mode Voltage Range
VICR
−0.3 to +36
Vdc
Output Short Circuit−to−Ground
Output Sink Current (Note 1)
ISC
ISink
Continuous
20
mA
Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
1/RqJA
570
5.7
mW
mW/
°C
Operating Ambient Temperature Range
LM293
LM393
LM2903
LM2903V, NCV2903 (Note 2)
TA
−25 to +85
0 to +70
−40 to +105
−40 to +125
°C
Maximum Operating Junction Temperature
LM393, 2903, LM2903V
LM293, NCV2903
TJ(max)
150
150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
ESD Protection at any Pin
− Human Body Model
− Machine Model
Vesd
2000
200
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC, output short circuits to VCC can cause
excessive heating and eventual destruction.
2.
NCV2903 is qualified for automotive use.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com