Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD670XSC Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SD670XSC
Description  NON-ISOLATED BUCK LED LIGHTING DRIVE IC WITH LOW POWER AND HIGH CONSTANT CURRENT ACCURACY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD670XSC Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SD670XSC Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD670XSC Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD670XSC Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD670XSC Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD670XSC Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD670XSC Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD670XSC Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD670XSC Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Silan
Microelectronics
SD670XSC_Datasheet
PIN CONFIGURATIONS
VCC
CS
NC
4
3
2
5
6
1
7
ROVP
DRAIN
GND
DRAIN
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
1
ROVP
I/O
OVP pin, short-circuited or connected to GND through a resistor
2
NC
--
No connection
3
CS
I
Sense current pin
4
VCC
POWER
Power supply
5, 6
DRAIN
O
Drain of internal high voltage MOSFET
7
GND
GND
GND
FUNCTION DESCRIPTION
SD670XSC is a non-isolated LED driver IC adopting BUCK structure with internal high voltage power MOSFET. The
function is described below.
Start control
For SD670XSC, no auxiliary winding is needed. The bus voltage charges capacitor of VCC through start resistor. The
operating current should be as low as possible for high conversion efficiency. It features undervoltage protection at
VCC and the on/off threshold value are 12V and 7.5V. The hysteresis characteristic guarantees that the IC can be
powered by the capacitor during the start.
Constant current accuracy control
IC senses the MOSFET current, which is input to Gm amplifier together with internal reference voltage for error
amplification, to obtain high constant current accuracy and high linear/load regulation rate.
CS voltage and 400mV reference voltage are the inputs of Gm amplifier, and then the output is integrated through
internal COMP capacitor.
Output current is given by:
IOUT=400mV/2*RCS.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 4 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com