Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DMR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM393DMR2G
Description  Low Offset Voltage Dual Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM393DMR2G Datasheet(HTML) 1 Page - ON Semiconductor

  LM393DMR2G Datasheet HTML 1Page - ON Semiconductor LM393DMR2G Datasheet HTML 2Page - ON Semiconductor LM393DMR2G Datasheet HTML 3Page - ON Semiconductor LM393DMR2G Datasheet HTML 4Page - ON Semiconductor LM393DMR2G Datasheet HTML 5Page - ON Semiconductor LM393DMR2G Datasheet HTML 6Page - ON Semiconductor LM393DMR2G Datasheet HTML 7Page - ON Semiconductor LM393DMR2G Datasheet HTML 8Page - ON Semiconductor LM393DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
October, 2004 − Rev. 15
1
Publication Order Number:
LM393/D
LM393, LM293, LM2903,
LM2903V, NCV2903
Low Offset Voltage
Dual Comparators
The LM393 series are dual independent precision voltage
comparators capable of single or split supply operation. These devices
are designed to permit a common mode range−to−ground level with
single supply operation. Input offset voltage specifications as low as
2.0 mV make this device an excellent selection for many applications
in consumer, automotive, and industrial electronics.
Features
• Wide Single−Supply Range: 2.0 Vdc to 36 Vdc
• Split−Supply Range: ±1.0 Vdc to ±18 Vdc
• Very Low Current Drain Independent of Supply Voltage: 0.4 mA
• Low Input Bias Current: 25 nA
• Low Input Offset Current: 5.0 nA
• Low Input Offset Voltage: 5.0 mV (max) LM293/393
• Input Common Mode Range to Ground Level
• Differential Input Voltage Range Equal to Power Supply Voltage
• Output Voltage Compatible with DTL, ECL, TTL, MOS, and CMOS
Logic Levels
• ESD Clamps on the Inputs Increase the Ruggedness of the Device
without Affecting Performance
• NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
• Pb−Free Packages are Available
VCC
+ Input
− Input
Output
Q3
R4
Q4
Q5
R2
Q6
Q14
Q16
Q15
Q12
Q11
Q10
Q9
Q8
Q2
Q1
F1
2.0 k
2.1 k
R1
4.6 k
Figure 1. Representative Schematic Diagram
(Diagram shown is for 1 comparator)
See detailed ordering and shipping information and marking
information in the package dimensions section on pages 6
and 7 of this data sheet.
DEVICE MARKING & ORDERING
INFORMATION
PDIP−8
N SUFFIX
CASE 626
1
8
SOIC−8
D SUFFIX
CASE 751
1
8
PIN CONNECTIONS
(Top View)
GND
Inputs A
Inputs B
Output B
Output A
VCC
−
−
+
+
1
2
3
4
8
7
6
5
http://onsemi.com
Micro8
E
DM SUFFIX
CASE 846A
8
1


Similar Part No. - LM393DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM393DMR2G ONSEMI-LM393DMR2G Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM393DMR2G ONSEMI-LM393DMR2G Datasheet
118Kb / 10P
Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
LM393DMR2G ONSEMI-LM393DMR2G Datasheet
331Kb / 13P
Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
More results

Similar Description - LM393DMR2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ON Semiconductor
LM393 ONSEMI-LM393_06 Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ADDtek Corp
AMC393 ADDTEK-AMC393 Datasheet
136Kb / 8P
LOW OFFSET VOLTAGE DUAL COMPARATORS
JUNE 2006
logo
ON Semiconductor
LM393S ONSEMI-LM393S Datasheet
83Kb / 6P
Low Offset Voltage Dual Comparators
October, 2014 ??Rev. 0
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
ON Semiconductor
LM393 ONSEMI-LM393_16 Datasheet
118Kb / 10P
Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
ON Semiconductor
LM393 ONSEMI-LM393_V01 Datasheet
331Kb / 13P
Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com