Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP10NK60Z/FP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP10NK60Z/FP
Description  N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK60Z/FP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP10NK60Z/FP Datasheet HTML 6Page - STMicroelectronics STP10NK60Z/FP Datasheet HTML 7Page - STMicroelectronics STP10NK60Z/FP Datasheet HTML 8Page - STMicroelectronics STP10NK60Z/FP Datasheet HTML 9Page - STMicroelectronics STP10NK60Z/FP Datasheet HTML 10Page - STMicroelectronics STP10NK60Z/FP Datasheet HTML 11Page - STMicroelectronics STP10NK60Z/FP Datasheet HTML 12Page - STMicroelectronics STP10NK60Z/FP Datasheet HTML 13Page - STMicroelectronics STP10NK60Z/FP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
4 Package mechanical data
STB10NK60Z/-1 - STP10NK60Z/FP - STW10NK60Z
10/19
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com