Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7302 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7302
Description  짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7302 Datasheet HTML 6Page - Analog Devices ADT7302 Datasheet HTML 7Page - Analog Devices ADT7302 Datasheet HTML 8Page - Analog Devices ADT7302 Datasheet HTML 9Page - Analog Devices ADT7302 Datasheet HTML 10Page - Analog Devices ADT7302 Datasheet HTML 11Page - Analog Devices ADT7302 Datasheet HTML 12Page - Analog Devices ADT7302 Datasheet HTML 13Page - Analog Devices ADT7302 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary Technical Data
ADT7302
Rev. PrE | Page 13 of 14
OUTLINE DIMENSIONS
13
4
5
2
6
2.90 BSC
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.22
0.08
0.60
0.45
0.30
10°
4°
0°
0.50
0.30
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
COMPLIANT TO JEDEC STANDARDS MO-178AB
Figure 18. 6-Lead Small Outline Transistor Package [SOT-23]
(RJ-6)
Dimensions shown in millimeters
0.80
0.60
0.40
8°
0°
4
85
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187AA
Figure 19. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com