Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB11-R0CDD Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-CB11-R0CDD
Description  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB11-R0CDD Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-CB11-R0CDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB11-R0CDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB11-R0CDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB11-R0CDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CB11-R0CDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CB11-R0CDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CB11-R0CDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CB11-R0CDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CB11-R0CDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Part Numbering System
HLMP - x x xx - x x x xx
Mechanical Options
00: Bulk
DD: Ammo Pack
Color Bin Options
0: Full Color Bin Distribution
A: Color Bin 1 and 2
C: Color Bin 3 and 4
D: Color Bin 4 and 5
Maximum Intensity Bin
0: No Maximum Intensity Bin Limitation
Others: Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Intensity Bin
11: 15
° Without Standoff
12: 15
° With Standoff
26: 23
° Without Standoff
27: 23
° With Standoff
36: 30
° Without standoff
37: 30
° With Standoff
Color
B: Blue 470 nm
M: Green 525 nm
E: Cyan 505 nm
Package
C: T-13/4 (5 mm) Round Lamp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com