Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-7607 Datasheet(PDF) 1 Page - Bud Industries, Inc.

Part # HD-7607
Description  HD SERIES - HEAVY DUTY NEAMA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

HD-7607 Datasheet(HTML) 1 Page - Bud Industries, Inc.

  HD-7607 Datasheet HTML 1Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.20
208.2
6.75
171.6
4.70
119.3
A
A
5.63
142.9
3.63
92.1
BOTTOM VIEW
OF BODY
CL
CL
.14
3.4
WALL
.13
3.2
WALL
.14
3.4
WALL
.14
3.4
WALL
4.29
108.9
INSIDE BOTTOM
4.35
110.6
INSIDE TOP
4.28
108.6
INSIDE TOP
4.23
107.5
INSIDE BOTTOM
.25
6.4
TYP.
1.16
29.5
.91
23.1
SECTION A-A
SCALE 1 : 1
2.13
54.0
3.50
88.9
4.00
101.6
5.50
139.7
.08
2.1
X 8
INSIDE VIEW OF BODY
COVER NOT SHOWN
CL
CL
.25
6.4
1.63
41.5
NOTES:
MATERIAL:
1.
BODY & COVER - GRAY POLYCARBONATE (IMPACT-RESISTANT)
UL508 / NEMA TYPE 1, 2, 3, 3R, 3X, 3RX, 3D, 3SX, 4, 4X, 6, 6P, 12 & 13 WITH
2.
IP65, IP66, IP-67 & IP68 WITH RATING & UL-94 5VA
POURED CONTINUOUS GASKET (NOT INSTALLED)
3.
SUPPLIED WITH BODY, COVER & 4 SCREWS
4.
DIMENSIONS ARE INCH[MM]
5.
OPTIONAL ACCESSORIES:
6.
ALUMINUM INTERNAL PANEL - HDX-76607
DRAWING FOR REFERENCE
WE RESERVE THE RIGHT TO MAKE CHANGES TO OUR
STANDARD PRODUCTS. PLEASE CONSULT WITH BUD INDUSTRIES
PRIOR TO USING THIS DRAWING FOR DESIGN PURPOSES.
PART
NAME
PART
No.
REVISION
DATE
1/6/2022
HD-7607
HD SERIES - HEAVY DUTY NEAMA


Similar Part No. - HD-7607

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HD-7603 BUD-HD-7603 Datasheet
175Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/3/2022
HD-7604 BUD-HD-7604 Datasheet
180Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/4/2022
HD-7605 BUD-HD-7605 Datasheet
183Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/4/2022
HD-7606 BUD-HD-7606 Datasheet
135Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/6/2022
HD-7608 BUD-HD-7608 Datasheet
237Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/8/2022
More results

Similar Description - HD-7607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL1021 ETC1-SL1021 Datasheet
78Kb / 2P
Medium / Heavy Duty Arrester Series
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
200 Series Heavy Duty
logo
Power Sonic Corporation
PS-1290HD-F2 POWER-SONIC-PS-1290HD-F2 Datasheet
501Kb / 2P
Rechargeable Sealed Lead Acid Battery PS HD ??Heavy Duty Series
PS-12180HD-M5 POWER-SONIC-PS-12180HD-M5 Datasheet
463Kb / 2P
Rechargeable Sealed Lead Acid Battery PS HD ??Heavy Duty Series
PS-12200HD-M6 POWER-SONIC-PS-12200HD-M6 Datasheet
471Kb / 2P
Rechargeable Sealed Lead Acid Battery PS HD ??Heavy Duty Series
logo
Bud Industries, Inc.
HD-7603 BUD-HD-7603 Datasheet
175Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/3/2022
HD-7604 BUD-HD-7604 Datasheet
180Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/4/2022
HD-7605 BUD-HD-7605 Datasheet
183Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/4/2022
HD-7606 BUD-HD-7606 Datasheet
135Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/6/2022
HD-7608 BUD-HD-7608 Datasheet
237Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/8/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com