Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16501B Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP16501B
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501B Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP16501B Datasheet HTML 17Page - Microchip Technology MCP16501B Datasheet HTML 18Page - Microchip Technology MCP16501B Datasheet HTML 19Page - Microchip Technology MCP16501B Datasheet HTML 20Page - Microchip Technology MCP16501B Datasheet HTML 21Page - Microchip Technology MCP16501B Datasheet HTML 22Page - Microchip Technology MCP16501B Datasheet HTML 23Page - Microchip Technology MCP16501B Datasheet HTML 24Page - Microchip Technology MCP16501B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2020 Microchip Technology Inc.
DS20006388A-page 21
MCP16501
For the different OTP options for the t1 to t4 timings see
the respective values in “Configuration Options”.
For power supplies starting at t1, additional delay time
interval is added to the device wake-up time.
The following timing diagram in Figure 4-5 shows the
typical sequence for Case 2:
FIGURE 4-5:
Start-Up from PWRHLD
Timing Diagram.
For all sequences described above, LPM can be
assumed to be low. The MPU will assert LPM after
some time, based on software decision, to enter the
Low-Power mode.
Where:
t1 = Delay from PWRHLD asserted to first
output VOUT1 starting (default 0.5 ms +
device wake-up time, about 100 µs)
t2 = Time from VOUT1 established to VOUT2
starting (default 8 ms)
t3 = Time from VOUT2 established to VOUT3
starting (default 4 ms)
t4 = Time from VOUT3 established to nRSTO
deassertion (default 16 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com