Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16501 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 26Page - Microchip Technology MCP16501 Datasheet HTML 27Page - Microchip Technology MCP16501 Datasheet HTML 28Page - Microchip Technology MCP16501 Datasheet HTML 29Page - Microchip Technology MCP16501 Datasheet HTML 30Page - Microchip Technology MCP16501 Datasheet HTML 31Page - Microchip Technology MCP16501 Datasheet HTML 32Page - Microchip Technology MCP16501 Datasheet HTML 33Page - Microchip Technology MCP16501 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MCP16501
DS20006388A-page 30
 2020 Microchip Technology Inc.
5.2
Buck1 Hysteretic Control Mode
(HCM)/B1HCEN-MCP16501E only
If Buck1 is set in Auto-PFM mode while the input
voltage (e.g., a discharging battery) is decreasing and
eventually pushing Buck1 to 100% duty cycle (Bypass
mode), the operational no-load quiescent current
shows some increase due to the augmented switching
activity of Buck1.
This is intrinsic to the Auto-PFM architecture. The
peaking in the quiescent current is in the 1 mA range,
and it may or may not be detrimental to the overall
system efficiency and/or battery life, depending mostly
on the minimum loading of Buck1.
If the increase in quiescent current when approaching
Bypass mode on Buck1 is an important factor for the
application, the user can choose MCP16501E which
features a different mode of light load, high-efficiency
operation (called Hysteretic Control mode, HCM),
where the output voltage is controlled in a hysteretic
fashion between the nominal output voltage and 2.9%
of it. This control method significantly reduces the aver-
age switching activity of Buck1, especially in the prox-
imity of the bypass operation, at the expense of an
increase of the output ripple amplitude.
The user should therefore carefully evaluate the need
for Hysteretic Control Mode and balance the increase
in output ripple against the real benefit achieved in pro-
longing battery life. If the minimum loading on Buck1 is
always significantly higher than 1 mA, HCM is typically
not needed.
The relevant EC Table parameter that defines the
upper voltage regulation threshold (typically +2.9% of
the nominal output voltage) is the Hysteretic Control
Mode Upper Regulation Threshold.
HCM mode will only be activated when the input-to-out-
put voltage differential decreases below a certain
value. This is done to prevent fast inductor charging,
which in turn may cause a poorer control of the effec-
tive upper regulation voltage.
The relevant “Electrical Characteristics” table
parameter that defines the input voltage threshold (fall-
ing input voltage), below which HCM is enabled, is the
Hysteretic Control Mode Enable Threshold and it is
also expressed as a percentage of the nominal output
voltage value (typically, +9%).
5.3
LPDDR2 Support with Hibernate
Mode-MCP16501D Only
To support LPDDR2 applications, which require two
power supplies, the LDO block is used for the genera-
tion of the 1.8V of LPDDR2.
In the case of the MCP16501D the LDO is partially
included in the internal States machine such that the
LDO stays on during Hibernate mode.
The LDO LEN pin must be connected to rail VOUT1
(VDDIO) such that the LDO (1.8V for LPDDR2) will
immediately turn on after the VDDIO rail and before
Buck2 (1.2V for LPDDR2), according to the LPDDR2
power-up specifications.
In this particular application the SELV2 will be con-
nected to GND in order to have VOUT2 regulated to 1.2V
for VDD2/VDDCA/VDDQ of LPDDR2, while the LDO
feedback resistors (R3 and R4) will be selected to be
equal, so that the LDO output is regulated to 1.8V for
the LPDDR2 VDD1 rail.
The “Typical Application Circuit” section highlights
this specific use case.
In the particular case of the MCP16501D, HCPEN is
disabled, such that any short circuit event on one of the
channels will trigger a turn off of all the channels and a
startup procedure. This method ensures proper
re-sequencing of the LPDDR2 supply rails, regardless
of the particular channel being affected by short-circuit.
5.4
Protections
The MCP16501 offers the following:
• Thermal Shutdown
• Overcurrent Protection
Thermal Shutdown protection will immediately termi-
nate power delivery on all channels when the die
temperature exceeds the upper Thermal Shutdown
threshold. At the same time, nRSTO will be asserted
low.
After the die temperature has decreased below the
lower Thermal Shutdown threshold (hysteresis = 20°C)
and an additional 100 ms delay, the MCP16501 will
automatically attempt a new start-up sequence without
the need of an external Start condition (from nSTRT or
PWRLHD).
5.4.1
OVERCURRENT PROTECTION
(BUCK CHANNELS)
The overcurrent protection consists of a cycle-by-cycle,
high-side current limit with digital filtering, followed by
the Hiccup mode for protection against short-circuit
conditions.
The cycle-by-cycle, high-side current limit includes
frequency foldback. Because of Leading-Edge Blank-
ing (LEB) in Peak Current mode control, frequency
foldback (with a factor = 4) is used to allow more time
for inductor discharge and prevent current runaway in
a deep overload condition.
Frequency foldback operation is entered when:
1.
A high-side current limit event has been
detected; and
2.
The feedback voltage is less than 500 mV
(typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com