Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90367 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90367
Description  Daughter Board for Melexis PTC devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90367 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 23Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PTC04-DB-HALL06
Daughter Board for Melexis PTC devices
REVISION 7 – 20 December 2021
Datasheet
Page 21 of 23
3901290014503
Daughter Board for Melexis PTC devices
2.5.2. J2, J3, J4 and J5 – select pull-up
These jumpers are used to select the pull-up resistor for the outputs of die A and B:
JP2: Pull-up selection for OUT1 die A
JP3: Pull-up selection for OUT2 die A
JP4: Pull-up selection for OUT1 die B
JP5: Pull-up selection for OUT2 die B
Place the jumper between:
Pin 1 and 2  select 5K6 Pull-up
Pin 3 and 2  select 10K Pull-up
The selection between VDD and Vbat is done by a relay on software level.
When Vbat is set to 0V one can select a pull-down
2.5.3. CON3 and CON21 – configure MUPET circuit
The MUPET circuit on the daughter board is used to convert the clock and data of the UART to a single wire
protocol called MUPET.
CON3 and CON21 are used to configure the resistors of the MUPET circuit in function of the output
resistance on the sensor/module.
Pin 1 and 2  select 100Ω
Pin 3 and 4  select digital potentiometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com