Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS252012CX-1R5M Datasheet(PDF) 8 Page - Microchip Technology

Part # VLS252012CX-1R5M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLS252012CX-1R5M Datasheet(HTML) 8 Page - Microchip Technology

Back Button VLS252012CX-1R5M Datasheet HTML 4Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 5Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 6Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 7Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 8Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 9Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 10Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 11Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MCP16501
DS20006388A-page 8
 2020 Microchip Technology Inc.
Maximum Duty Cycle
DMAX
100
—
—
%
Functionality test
Minimum On Time
TON_MINx
—35
—
ns
FPWM
High-Side Switch
On-Resistance
RDSonPx
—
140
160
mΩ
PVINx = VIN = 3.6V
Low-Side Switch
On-Resistance
RDSonNx
—
120
140
mΩ
PVINx = VIN = 3.6V
Soft Start Rate
SSR
—
3.125
—
V/ms
High-Side Peak Current Limit
(Cycle-by-Cycle)
ILIM_HSx
1.2
1.8
2.4
A
Current Limit Frequency
Foldback VOUTx Threshold
VTH_FFBx
—500
—
mV
Hiccup Mode Short-Circuit
Protection Wait Time
tHICCUP
—3x Soft
Start
Time
—
Low-Side Negative Peak
Current Limit (FPWM)
ILIM_NEGx
-1.4
-1
-0.8
A
Zero Current Detection
Threshold
IZCDx
033
110
mA
Active Discharge Resistance
RDISCH_OUTx
—25
—
Ω
DISCH enabled when regulator is
disabled
LDO
Input Operating Voltage Range
VLVIN
2.7
—
5.5
V
Output Voltage Range
VLOUT
0.9
—
3.7
V
Recommended application
settings.
Stable Output Capacitor Range
(Note 2)
CLOUT
2.2
—
20
µF
ILOUT ≤ 150 mA – application
requirement
4.7
—
20
µF
ILOUT ≤ 300 mA – application
requirement
Operational Quiescent
Current
IVIN_Q
—110
—
µA
ILOUT= 0 mA; only LDO on; Bucks
off
LDO Operation Quiescent
Current
IVIN_Q_LDO
—45
—
µA
ILOUT= 0 mA; all channels on
including LDO, ΔVIN current when
turning on LDO
Feedback Voltage
ACC_LFB
0.8865
0.9
0.9135
V
VIN = 3.6V
Dropout Voltage (Note 3)
VDO
—170
500
mV
ILOUT =300 mA
Output Voltage Line
Regulation
LINE_REG
—
0.024
—
%
VIN = 3.6V to 5.5V,
ILOUT =0.1 mA
Output Voltage Load
Regulation
LOAD_REG
—
0.3
—
%
ILOUT = 0.1 mA to 300 mA
PSRR (Note 2)
PSRR
—
63
—
dB
f = 1 kHz, IOUT =20 mA,
VLOUT = 1.8V, VIN modulated
—
46
—
dB
f = 10 kHz, IOUT =20mA,
VLOUT = 1.8V, VIN modulated
Soft Start Rate
SSR_LFB
—
3.125
—
V/ms measured on LFB
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified: TA =TJ =+25°C; VIN = VIN =PVINx =5V; L1 =L2=L3 =2.2 µH;
COUT1, COUT2,, COUT3=22µF. Boldface type applies for junction temperatures TJ of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Maximum limit for TJ = -40°C to +105°C based on characterization data.
2:
Not production tested.
3:
Typical value from bench characterization, maximum value production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com