Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012P-1R5M Datasheet(PDF) 15 Page - Microchip Technology

Part # DFE252012P-1R5M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DFE252012P-1R5M Datasheet(HTML) 15 Page - Microchip Technology

Back Button DFE252012P-1R5M Datasheet HTML 11Page - Microchip Technology DFE252012P-1R5M Datasheet HTML 12Page - Microchip Technology DFE252012P-1R5M Datasheet HTML 13Page - Microchip Technology DFE252012P-1R5M Datasheet HTML 14Page - Microchip Technology DFE252012P-1R5M Datasheet HTML 15Page - Microchip Technology DFE252012P-1R5M Datasheet HTML 16Page - Microchip Technology DFE252012P-1R5M Datasheet HTML 17Page - Microchip Technology DFE252012P-1R5M Datasheet HTML 18Page - Microchip Technology DFE252012P-1R5M Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
 2020 Microchip Technology Inc.
DS20006388A-page 15
MCP16501
4.0
DEVICE OPTIONS
The MCP16501 is offered in different options,
depending on the target I/O voltage needed external
memory type and behavior in bypass situations. The
options currently available, also shown in Table 4-1,
are the following:
.
TABLE 4-1:
DEFAULT CONFIGURATIONS
Note:
All device variants are generated at the
factory
with
One-Time-Programmable
memory, which configures default settings
at power-up. Please contact your nearest
Microchip Sales Office for further assis-
tance on the development of customized
device variants.
Device Options
MCP16501A
MCP16501B
MCP16501C
MCP16501D
MCP16501E
VOUT1
3.3V
2.8V
3V
3.3V
3.3V
LPDDR2/3
Not supported
Not supported
Not supported
Supported
Not supported
Hysteretic Control Mode
(HCM)
Not supported
Not supported
Not supported
Not supported
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com