Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2M Datasheet(PDF) 1 Page - Relpol S.A.

Part # G2M
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

G2M Datasheet(HTML) 1 Page - Relpol S.A.

  G2M Datasheet HTML 1Page - Relpol S.A. G2M Datasheet HTML 2Page - Relpol S.A. G2M Datasheet HTML 3Page - Relpol S.A. G2M Datasheet HTML 4Page - Relpol S.A. G2M Datasheet HTML 5Page - Relpol S.A. G2M Datasheet HTML 6Page - Relpol S.A. G2M Datasheet HTML 7Page - Relpol S.A. G2M Datasheet HTML 8Page - Relpol S.A. G2M Datasheet HTML 9Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
1
❶
Mounting and sub-assemblies of accessories in the socket - see page 9. Signalling / protecting modules type M... - see page 20. ❷ In the bracket the height of
socket with retainer / retractor clip is shown.
❸
For RM85, RM85 inrush, RM85 105 °C sensitive, RMB851: loads above 12 A (GZT80, GZM80) or 10 A (GZS80,
GZMB80) require bridging pairs of terminals: 11 with 21, 12 with 22, 14 with 24 - see www.relpol.com.pl; For RMB841, RMB851 - see www.relpol.com.pl (energizing
of bistable relays)
Plug-in sockets and accessories
GZT80
For RM84, RM85,
RM85 inrush,
RM85 105 °C sensitive,
RMB841, RMB851,
RM87L, RM87L sensitive,
RM87P, RM87P sensitive
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
75,3 x 15,5 x 61(67) mm ❷
Two poles, 5 mm pinout
12 A, 300 V AC
Dimensions
Connection diagrams ❸
Accessories ❶
GZM80
For RM84, RM85,
RM85 inrush,
RM85 105 °C sensitive,
RMB841, RMB851,
RM87L, RM87L sensitive,
RM87P, RM87P sensitive
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
78,1 x 15,9 x 61(66,5) mm ❷
Two poles, 5 mm pinout
12 A, 300 V AC
Dimensions
Connection diagrams ❸
Accessories ❶
GZS80
For RM84, RM85,
RM85 inrush,
RM85 105 °C sensitive,
RMB841, RMB851,
RM87L, RM87L sensitive,
RM87P, RM87P sensitive
Screw terminals
Max. tightening moment
for the terminal: 0,5 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
76,8 x 15,8 x 42,5(57,1) mm ❷
Two poles, 5 mm pinout
10 A, 300 V AC
Dimensions
Connection diagrams ❸
Accessories ❶
COM
COM
ZGGZ80
GZT80-0040 GZT80-0035 Module type M...
GZM80-0041
GZT80-0040 GZT80-0035 Module type M...
GZM80-0041
ZGGZ80
GZM80-0041
Module type M...
TR
ZGGZ80
GZS-0040
NC
COM
NO
COIL
RM84
RM87L
RM87P
RM85
RM85 inrush
RM85 105 °C sensitive
RMB851
RMB841
NC
NO
COIL
RM84
RM87L
RM87P
RM85
RM85 inrush
RM85 105 °C sensitive
RMB851
RMB841
RM84
RM87L
RM87P
RM85
RM85 inrush
RM85 105 °C sensitive
RMB851
NC
NO
COIL
RMB841


Similar Part No. - G2M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G2M GE-G2M Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
DIYI Electronic Technol...
G2M DYELEC-G2M Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
Vishay Siliconix
G2M VISHAY-G2M Datasheet
308Kb / 6P
Standard Sinterglass Diode
Rev. 1.3, 11-Aug-04
logo
Baumer IVO GmbH & Co. K...
G2M2H.010A102 IVO-G2M2H.010A102 Datasheet
630Kb / 4P
Absolute encoders - SSI
G2M2H.012A102 IVO-G2M2H.012A102 Datasheet
630Kb / 4P
Absolute encoders - SSI
More results

Similar Description - G2M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RTD14012 SIEMENS-RTD14012 Datasheet
193Kb / 8P
Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
Elektron Components Ltd...
PX0551 BULGIN-PX0551 Datasheet
68Kb / 1P
Flex Mount Plug and Panel Mount Sockets
logo
Visual Communications C...
CM21-16 VCC-CM21-16 Datasheet
76Kb / 1P
Lamp Sockets and Accessories
logo
Precid-Dip Durtal SA
110-87-308-41-105191 PREDIP-110-87-308-41-105191 Datasheet
95Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-318-41-001101 PREDIP-110-87-318-41-001101 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-324-41-001101 PREDIP-110-87-324-41-001101 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-632-41-001151 PREDIP-110-87-632-41-001151 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
114-87-308-41-134191 PREDIP-114-87-308-41-134191 Datasheet
97Kb / 2P
DUAL-IN-LINE SOCKETS
logo
Weidmuller
1483050000 WEIDMULLER-1483050000 Datasheet
131Kb / 2P
PCB plug-in connector, Accessories
logo
TE Connectivity Ltd
27E043 TEC-27E043 Datasheet
695Kb / 3P
Sockets & Accessories, KUP Relays
10-2012, Rev. 1012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com