Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD50 Datasheet(PDF) 18 Page - Relpol S.A.

Part # GD50
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

GD50 Datasheet(HTML) 18 Page - Relpol S.A.

Back Button GD50 Datasheet HTML 12Page - Relpol S.A. GD50 Datasheet HTML 13Page - Relpol S.A. GD50 Datasheet HTML 14Page - Relpol S.A. GD50 Datasheet HTML 15Page - Relpol S.A. GD50 Datasheet HTML 16Page - Relpol S.A. GD50 Datasheet HTML 17Page - Relpol S.A. GD50 Datasheet HTML 18Page - Relpol S.A. GD50 Datasheet HTML 19Page - Relpol S.A. GD50 Datasheet HTML 20Page - Relpol S.A.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
18
Interconnection strips ZGGZ4
❺
Interface relay
PIR2 (PIR3, PIR4) is offered as a set: plug-in socket GZM2 (GZM3, GZM4) + miniature
industrial relay
R2N (R3N, R4N) + signalling / protecting module type M... + retainer / retractor clip GZT4-0040
+ description plate
GZT4-0035.
Relays
for plug-in sockets
R2N
R3N
R4N
Plug-in
sockets
GZT2
GZM2
GZT3
GZM3
GZT4
GZM4
Interface
relays ❺
PIR2-...-00L. (R2N + GZM2)
PIR3-...-00L. (R3N + GZM3)
PIR4-...-00L. (R4N + GZM4)
Interconnection strip ZGGZ4
• designed for the co-operation with plug-in sockets
of miniature industrial relays and with interface relays
PIR2, PIR3 and PIR4, which are equipped with screw
terminals; sockets and relays are mounted on 35 mm
rail mount acc. to PN-EN 60715,
• bridges common input signals (coil terminals
A1 or A2) or output signals - see photo at the top,
• maximum permissible current is 10 A / 250 V AC,
• possibility of connection of 6 sockets or relays,
• colours of strips:
ZGGZ4-1 grey, ZGGZ4-2 black.
ZGGZ4 for:
PIR2-...-00L.
(R2N + GZM2)
ZGGZ4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com