| Electronic Components Datasheet Search |
|
GZMB2 Datasheet(PDF) 20 Page - Relpol S.A. |
|
|
|||||||||||||||||||||||||||||
GZMB2 Datasheet(HTML) 20 Page - Relpol S.A. |
|
20 / 20 page ![]() www.relpol.com.pl Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl 20 Test buttons (no latching) and plugs Test buttons (no latching) are recommended for R2N...WT, R3N...WT, R4N...WT, R15...WT 2 CO, R15...WT 3 CO relays - for applications that do not allow permanent contact latching. By manual operation (pressing the button) relay contacts can get switched for as long time as long the button is pressed. Contacts return to initial position as soon as pressure is released from the button. Those operations can be done while the coil is deenergized. Button R4P-0001 or R15-M404 can be easily inserted by the Customer after removal of button type T (see Fig. 2). Button type T can be removed with screwdriver as shown on Fig. 1. Plugs R4W-0003 or R15-M203 can substitute button type T if manual operation (latching and testing) is not allowed. Changing button type T for plug can be done by Customer themselves in the same way as changing button type T for button (no latching). Fig. 1 Fig. 2 Dimensions - test button R4P-0001 for R2N...WT, R3N...WT, R4N...WT Dimensions - test button R15-M404 for R15...WT 2 CO, R15...WT 3 CO Dimensions - plug R4W-0003 for R2N...WT, R3N...WT, R4N...WT Dimensions - plug R15-M203 for R15...WT 2 CO, R15...WT 3 CO Types of buttons: R4P-0001-A - orange colour (AC coils) R4P-0001-D - green colour (DC coils) Types of buttons: R15-M404-A - orange colour (AC coils) R15-M404-D - green colour (DC coils) Types of plugs: R4W-0003-A - orange colour (AC coils) R4W-0003-D - green colour (DC coils) Types of plugs: R15-M203-A - orange colour (AC coils) R15-M203-D - green colour (DC coils) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |