Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP970X Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP970X
Description  Low-Power Linear Active Thermistor ICs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP970X Datasheet(HTML) 3 Page - Microchip Technology

  MCP970X Datasheet HTML 1Page - Microchip Technology MCP970X Datasheet HTML 2Page - Microchip Technology MCP970X Datasheet HTML 3Page - Microchip Technology MCP970X Datasheet HTML 4Page - Microchip Technology MCP970X Datasheet HTML 5Page - Microchip Technology MCP970X Datasheet HTML 6Page - Microchip Technology MCP970X Datasheet HTML 7Page - Microchip Technology MCP970X Datasheet HTML 8Page - Microchip Technology MCP970X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2005-2022 Microchip Technology Inc. and its subsidiaries
DS20001942J-page 3
MCP970X
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD....................................................................... 6.0V
Storage Temperature ........................ -65°C to +150°C
Ambient Temp. with Power Applied... -40°C to +150°C
Output Current ................................................. ±30 mA
Junction Temperature (TJ).................................. 150°C
ESD Protection on All Pins (HBM:MM) ......(2 kV:200V)
Latch-Up Current at Each Pin ....................... ±200 mA
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A/9700B: VDD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125°C and No load
MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125°C and No load
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
VDD
2.3
3.1
—
—
5.5
5.5
V
V
MCP9700/9700A/9700B
MCP9701/9701A
Operating Current
IDD
—6
12
µA
IDD
——
15
µA
TA = +150°C (Note 1)
Line Regulation
°C/VDD
—0.1
—
°C/V
Sensor Accuracy (Notes 2, 3)
TA = +25°C
TACY
—±1
—
°C
TA = +20°C to +70°C
TACY
-1.0
±0.5
+1.0
°C
MCP9700B
TA = -40°C to +125°C
TACY
-2.0
±0.5
+4.0
°C
MCP9700B
TA = 0°C to +70°C
TACY
-2.0
±1
+2.0
°C
MCP9700A/9701A
TA = -40°C to +125°C
TACY
-2.0
±1
+4.0
°C
MCP9700A
TA = -10°C to +125°C
TACY
-2.0
±1
+4.0
°C
MCP9701A
TA = 0°C to +70°C
TACY
-4.0
±2
+4.0
°C
MCP9700/9701
TA = -40°C to +125°C
TACY
-4.0
±2
+6.0
°C
MCP9700
TA = -10°C to +125°C
TACY
-4.0
±2
+6.0
°C
MCP9701
TA = -40°C to +150°C
TACY
-4.0
±2
+6.0
°C
MCP9700
HighTemperature (Note 1)
TA = -40°C to +150°C
TACY
-4.0
±2
+4.0
°C
MCP9700B
HighTemperature (Note 1)
Sensor Output
Output Voltage, TA = 0°C
V0°C
—500
—
mV
MCP9700/9700A/9700B
Note 1: MCP9700 and MCP9700B with SC70-5 and SOT-23-3 packages only. The MCP9700 High Temperature is
not available with TO-92 package.
2: The MCP9700/9700A/9700B family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accu-
racy is tested with VDD = 5.0V.
3: The MCP9700/9700A/9700B and MCP9701/9701A family is characterized using the first-order or linear
equation, as shown in Equation 4-2. Also refer to Figure 2-17.
4: The MCP9700/9700A/9700B and MCP9701/9701A family is characterized and production tested with a
capacitive load of 1000 pF.
5: SC70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal
response without PCB (leaded).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com