Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700A-E/TO Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP9700A-E/TO
Description  Low-Power Linear Active Thermistor ICs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700A-E/TO Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP9700A-E/TO Datasheet HTML 17Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 18Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 19Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 20Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 21Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 22Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 23Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 24Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
 2005-2022 Microchip Technology Inc.
DS20001942J-page 21
MCP970X
APPENDIX A: REVISION HISTORY
Revision J (November 2022)
The following is the list of modifications:
1.
Added MCP9700B Device.
2.
Changed Typical Load Regulation from 1
 to
2
 and fixed the Load Regulation Plot
(Figure 2-7).
Revision H (August 2022)
The following is the list of modifications:
1.
Updated Absolute Maximum Ratings.
2.
Updated the packaging diagrams for TO-92.
Revision G (June 2016)
The following is the list of modifications:
3.
Added the MCP9700T-H/TT package version.
4.
Minor typographical changes.
Revision F (July 2014)
The following is the list of modifications:
5.
Updated the Package Type information.
6.
Note 4 in the DC Electrical Characteristics table
was added.
7.
Updated the Temperature Range in the Product
Identification System section.
8.
Added maximum IDD specification for the High
Temperature device.
Revision E (April 2009)
The following is the list of modifications:
1.
Added High Temperature option throughout
document.
2.
Updated plots to reflect the high temperature
performance.
3.
Updated Package Outline drawings.
4.
Updated Revision history.
Revision D (October 2007)
The following is the list of modifications:
1.
Added the 3-lead SOT-23 devices to data sheet.
2.
Replaced Figure 2-16.
3.
Updated Package Outline Drawings.
Revision C (June 2006)
The following is the list of modifications:
1.
Added the MCP9700A and MCP9701A devices
to data sheet.
2.
Added
TO92
package
for
the
MCP9700/MCP9701.
Revision B (October 2005)
The following is the list of modifications:
1.
Added Section 3.0, Pin Descriptions
2.
Added the Linear Active Thermistor™ IC
trademark.
3.
Removed the 2nd order temperature equation
and the temperature coefficient histogram.
4.
Added a reference to AN1001 and correspond-
ing verbiage.
5.
Added Figure 4-2 and corresponding verbiage.
Revision A (November 2005)
• Original release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com