Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19264-05-FN-R-ST-ELED-AM Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 19264-05-FN-R-ST-ELED-AM
Description  192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

19264-05-FN-R-ST-ELED-AM Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 19264-05-FN-R-ST-ELED-AM Datasheet HTML 7Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 8Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 9Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 10Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 11Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 12Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 13Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 14Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 19264-05
3. OPERATING PRINCIPALS AND METHODS
3. OPERATING PRINCIPALS AND METHODS
3.1 LCD Controller Display and Control Functions (KS0108 Controller)
3.1 LCD Controller Display and Control Functions (KS0108 Controller)
■ I/O Buffer
■ I/O Buffer
Input buffer controls the status between the enable and disable of chip. Unless the CS1 or CS2 is in active mode,
input or output of data and instruction do not execute. Therefore internal state is not change. But RSTB can operate
regardless of CS1 and CS2.
Input buffer controls the status between the enable and disable of chip. Unless the CS1 or CS2 is in active mode,
input or output of data and instruction do not execute. Therefore internal state is not change. But RSTB can operate
regardless of CS1 and CS2.
■ Input Register
■ Input Register
Input register is provided to interface with MPU which is different operating frequency. Input register stores the
data temporarily before writing it into display data RAM.
Input register is provided to interface with MPU which is different operating frequency. Input register stores the
data temporarily before writing it into display data RAM.
When CS1 or CS2 is in the active mode, R/W and RS select the input register. The data from MPU is written into
input register and then write it into display data RAM. Data is latched when falling of the E signal and written
automatically into the display data RAM by internal operation.
When CS1 or CS2 is in the active mode, R/W and RS select the input register. The data from MPU is written into
input register and then write it into display data RAM. Data is latched when falling of the E signal and written
automatically into the display data RAM by internal operation.
■ Output Register
■ Output Register
Output register stores the data temporarily from display data RAM when CS1 or CS2 is in active mode and R/W
and RS = H. Stored data in display data RAM is latched in output register. When CS1 or CS2 is in active mode and R/W =
H, RS = L, status data (busy check) can be read out.
Output register stores the data temporarily from display data RAM when CS1 or CS2 is in active mode and R/W
and RS = H. Stored data in display data RAM is latched in output register. When CS1 or CS2 is in active mode and R/W =
H, RS = L, status data (busy check) can be read out.
To read the contents of display data RAM, twice access of read instruction is needed. In first access, data in
display data RAM is latched into output register. In second access, MPU can read data which is latched. That is, to read the
data in display data RAM, it needs dummy read. But status read does not need dummy read.
To read the contents of display data RAM, twice access of read instruction is needed. In first access, data in
display data RAM is latched into output register. In second access, MPU can read data which is latched. That is, to read the
data in display data RAM, it needs dummy read. But status read does not need dummy read.
RS
RS
R/W
R/W
Function
Function
0
0
Instruction
1
Status read (busy check)
1
0
Data write (from input register to display data RAM)
1
Data read (from display data RAM to output register)
■ Reset
System reset can be initialized by setting RST terminal at low level when turning power on, receiving instruction
from MPU. When RST becomes low, following procedure is occurred.
1. Display off
2. Display start line register become set by 0. ( Z-address 0 )
While RST is low level, no instruction except status read can be accepted. Reset status appears at DB4. After DB4
is low, any instruction can be accepted.
The Conditions of power supply at initial power up are shown in table 1.
Table 1. Power Supply Initial Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Reset time
tRST
1.0
---
---
us
Rise time
tr
---
---
200
ns
PACIFIC DISPLAY DEVICES
06.27.2003
11
tRST
0.7VDD
0.3VDD
tr
4.5V
VDD
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com