Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-41 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FD-41
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-41 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FD-41 Datasheet HTML 17Page - List of Unclassifed Manufacturers FD-41 Datasheet HTML 18Page - List of Unclassifed Manufacturers FD-41 Datasheet HTML 19Page - List of Unclassifed Manufacturers FD-41 Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-41 Datasheet HTML 21Page - List of Unclassifed Manufacturers FD-41 Datasheet HTML 22Page - List of Unclassifed Manufacturers FD-41 Datasheet HTML 23Page - List of Unclassifed Manufacturers FD-41 Datasheet HTML 24Page - List of Unclassifed Manufacturers FD-41 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
159 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Cascading
• Make sure that the power supply is off while adding or
removing the amplifiers.
• Make sure to check the allowable ambient temperature,
as it depends on the number of amplifiers connected in
cascade.
• In case two, or more, amplifiers are connected in
cascade, make sure to mount them on a DIN rail.
• When the amplifiers move on the DIN rail depending on
the attaching condition or the amplifiers are mounted
close to each other in cascade, fit them between the
optional end plates (
MS-DIN-E) mounted at the two
ends.
• Up to maximum 15 amplifiers can be added (total 16
amplifiers connected in cascade.)
• When connecting more than two amplifiers in cascade,
use the sub cable (
CN-71-C□ / CN-72-C□) as the
quick-connection cable for the second amplifier
onwards.
• When connecting amplifiers not close to each other
in parallel, be sure to mount the optional end plate
(
MS-DIN-E) at both sides of each amplifier or affix the
communication window seal of the accessory amplifier
protection seal (
FX-MB1) to the communication
windows.
• The settings other than the interference prevention
function cannot be transmitted between
FX-301(P)
FX-301B/G/H(P), FX-305(P). Therefore, in case both
models of amplifiers are mounted in cascade, be sure
to mount identical models together. However, the
interference prevention function is not incorporated in
the
FX-301(P)-HS. Take care when the sensors are
mounted in cascade.
• If the
FX-301(P) updated version unit or the FX-305(P)
is mounted with the
FX-301(P) previous version unit or
the
FX-301B/G/H(P) in cascade, place the FX-301(P)
updated version units and the
FX-305(P) units to
the right side (seen from the connector side) of the
previous version units. For details, refer to “
Cautions
on sensor connection in cascade”.
For a difference between the updated version unit
and the previous version unit, refer to “
A difference
between the updated version unit and the previous
version unit”.
• The communication function of this product and that of
the
FX-301(P)-F / F7 is different. If these models are
mounted in cascade, affix the accessory fiber amplifier
protection seal (
FX-MB1) included in the FX-301(P)
and
FX-305(P) to the communication windows of the
amplifiers.
Mounting
Connection
PRECAUTIONS FOR PROPER USE
Refer to p.1458~ for general precautions and to the “PRO mode operation guide”
on our website for details pertaining to operating instructions for the amplifier.
• The digital fiber sensor
FX-301(P) has been modified
since its production in June 2004. The explanations
below are about the modified product.
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.
Disconnection method
Projection
How to mount the amplifier
Fit the rear part of the mounting section of the
amplifier on a 35 mm 1.378 in width DIN rail.
Press down the rear part of the mounting
section of the unit on the 35 mm 1.378 in width
DIN rail and fit the front part of the mounting
section to the 35 mm 1.378 in width DIN rail.
How to remove the amplifier
Push the amplifier forward.
Lift up the front part of the amplifier
to remove it.
Note: Take care that if the front part is lifted without pushing the
amplifier forward, the hook on the rear portion of the mounting
section is likely to break.
Fiber installation
• Insert the fiber into the amplifier after attaching the
attachment. Refer to the "Instruction Manual" included
with the fiber for details.
• Make sure that the power supply is off while connecting
or disconnecting the quick-connection cable.
35 mm 1.378 in width
DIN rail
Push the fiber lock lever down.
Slowly insert the fiber into the insertion
slot until it stops. (Note 1)
Push the fiber lock lever back up until
it stops.
Holding the connector of the
quick-connection cable, align
its projection with the groove
at the top portion of the
amplifier connector.
Insert the connector till a click
is felt.
Notes: 1) Note that if the fiber is not fully inserted, the sensing distance will
decrease. Also note that the flexible fiber may bend during insertion.
2) In case of coaxial reflective type fibers (
FD-G4, FD-FM2, etc.),
mount the central fiber (single-core) to the emitter part and the
peripheral fiber (multi-core) to the receiver. Note that sensing
precision will deteriorate when done in reverse.
Fiber
Fiber lock
lever
Connection method
Groove
Projection
Quick-connection cable
Pressing the projection at the
top of the quick-connection
cable, pull out the connector.
Note: Take care that if the connector
is pulled out without pressing the
projection, the projection may break.
Do not use a quick-connection cable
whose projection has broken.
Further, do not pull by holding the
cable, as this can cause a
cable-break.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com