Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-41W Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FD-41W
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-41W Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FD-41W Datasheet HTML 1Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 2Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 3Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 4Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 5Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 6Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 7Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
142
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
The use of only two switches makes for very simple operations
All models
Only two switches, the large
jog switch and the large MODE
key, are required for operation.
You can operate it simply by
the 3 steps shown on the right.
Large MODE key
Large jog switch
Pressing the switch selects
or cancels the operating
mode
Moving the switch
from side to side
allows items to be
selected
2
3
Pressing the
switch then
confirms the
selected setting
1
A quick-connection cable saves wiring and
work-hours
Connector type
One unit can be used as either a main unit or sub unit
The amplifier unit can be used as either a main unit
or a sub unit. This feature allows for easy mounting in
the side-by-side configuration. The main and sub unit
functions are distinguished only by the proper use of the
main cable and the sub cable.
Moreover, inventory management and maintenance is
simplified.
An optical communication function allows up to *16 sensors
to be adjusted simultaneously
FX-301 FX-305
The optical communication function allows the data that is
currently set to be copied and saved all at once for all amplifiers
connected together from the right side. This greatly reduces
troublesome setup tasks and makes setup much smoother. In
addition, troublesome adjustment operations at times such as
when replacing
sensors can also be
carried out easily
and data can also be
copied and stored
using the optical
communication
function.
Single copy & save operation for all amplifiers
* Use the optical communication function for only the same types of sensors. Furthermore,
the
FX-301-HS is not equipped with optical communication function capability.
Settings can be entered directly using numerical input All models
Every function can be directly set merely by the input
of a four digit code (numbers) from the code table. This
convenient feature is easy to set up. In the event that
settings are accidentally changed at the operating site,
merely entering the correct code can restore the original
settings. This results in easy and quick maintenance.
First digit: Settings for response time and hysteresis
Second digit: Settings for L/D ON and display mode
Fourth digit: Timer period settings
Third digit: Settings for Adjust lock and timer
Identical part numbers eliminate
the need for costly inventory
management labor
Sub cable
Main cable
Main cable (4-core)
CN-74-C
Sub cable (2-core)
CN-72-C
FX-305
Main cable (3-core)
CN-73-C
Sub cable (1-core)
CN-71-C
FX-301(-HS)
FX-301B/G/H
Upper communication unit for digital sensor SC-GU1-485
We now offer remote maintenance for digital sensors!
The communication unit enables inputs to the digital fiber
sensors (such as teaching and data bank switching) to
be carried out via a PLC or a personal computer, and
also allows confirming of the incident light intensity an
output status for the fiber sensors. This greatly improves
workability during equipment starting up and maintenance.
Communication unit improves equipment starting up and maintenance
FX-301 FX-305
External input unit for digital sensor
FX-CH2
Teaching and changing settings can be performed
by using the PLC and touch panel.
Various settings and switching of up to 16 units of
digital fiber sensors can be accomplished at once
without operating the actual sensors themselves, but
via external signals, such as the PLC, touch panel, and
push buttons.
Refer to our website for details
• Batch teaching
• Key lock setting
• Batch loading / saving of
the data bank
<Main functions>
RS-485
communication
PLC
Compatible with all PLCs equipped
with RS-485 compatible units
FX-301(P)
FX-305(P)
SC-GU1-485
• Sensor incident light intensity
• Sensor settings verification
• Sensor output status
• Threshold value settings, etc.
<Communicable commands>
Refer to
SC-GU1-485 pages for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com