Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7808CT Datasheet(PDF) 13 Page - STMicroelectronics

Part # L7808CT
Description  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808CT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L7808CT Datasheet HTML 9Page - STMicroelectronics L7808CT Datasheet HTML 10Page - STMicroelectronics L7808CT Datasheet HTML 11Page - STMicroelectronics L7808CT Datasheet HTML 12Page - STMicroelectronics L7808CT Datasheet HTML 13Page - STMicroelectronics L7808CT Datasheet HTML 14Page - STMicroelectronics L7808CT Datasheet HTML 15Page - STMicroelectronics L7808CT Datasheet HTML 16Page - STMicroelectronics L7808CT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
L7800 series
Electrical characteristics
13/47
Table 10.
Electrical characteristics of L7824 (refer to the test circuits, TJ = -55 to 150°C, VI = 33V, IO
= 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
23
24
25
V
VO
Output voltage
IO = 5mA to 1A, PO ≤15W
VI = 28 to 38V
22.8
24
25.2
V
∆VO(1)
Line regulation
VI = 27 to 38V, TJ = 25°C
240
mV
VI = 30 to 36V, TJ = 25°C
120
∆VO(1)
Load regulation
IO = 5 mA to 1.5A, TJ = 25°C
240
mV
IO = 250 to 750mA, TJ = 25°C
120
Id
Quiescent current
TJ = 25°C
6
mA
∆Id
Quiescent current change
IO = 5mA to 1A
0.5
mA
VI = 28 to 38V
0.8
∆VO/∆T Output voltage drift
IO = 5mA
3
mV/°C
eN
Output noise voltage
B =10Hz to 100KHz, TJ = 25°C
40
µV/VO
SVR
Supply voltage rejection
VI = 28 to 38V, f = 120Hz
56
dB
Vd
Dropout voltage
IO = 1A, TJ = 25°C
2
2.5
V
RO
Output resistance
f = 1 KHz
28
m
Ω
Isc
Short circuit current
VI = 35V, TJ = 25°C
0.75
1.2
A
Iscp
Short circuit peak current
TJ = 25°C
1.3
2.2
3.3
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com