Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-E13 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # FD-E13
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-E13 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FD-E13 Datasheet HTML 13Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 16Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 17Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 18Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 19Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
155 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
FIBER OPTIONS
Lens (for reflective type fiber)
Notes: 1) The sensing ranges are the values when used in combination with a red LED type amplifier. Please contact our office for details on sensing ranges for other types of amplifier.
2) Refer to p.16 or p.26 for the ambient temperatures of fibers to be used in combination.
Note: Spot diameter, distance to focal point and sensing range are specified for a red LED type amplifier.
Refer to p. 69~ for details of lens dimensions.
Designation
Model No.
Description
Pinpoint
spot lens
FX-MR1
Pinpoint spot of ø0.5 mm ø0.020 in. Enables detection of minute objects or small marks.
• Distance to focal point: 6 ± 1 mm 0.236 ± 0.039 in
• Applicable fibers:
FD-42G, FD-42GW
• Ambient temperature: -40 to +70 °C -40 to +158 °F (Note)
Zoom lens
FX-MR2
Screw-in
depth
Distance to
focal point
Spot
diameter
The spot diameter is adjustable from ø0.7 to ø2
mm ø0.028 to ø0.079 in according to how much
the fiber is screwed in.
• Applicable fibers:
FD-42G, FD-42GW
• Ambient temperature:-40 to +70 °C
-40 to +158 °F (Note 2)
• Accessory:
MS-EX3 (mounting bracket)
Sensing range for red LED type (Note 1)
Screw-in depth Distance to focal point Spot diameter
7 mm
18.5 mm approx.
ø0.7 mm
12 mm
27 mm approx.
ø1.2 mm
14 mm
43 mm approx.
ø2.0 mm
Finest spot
lens
FX-MR3
Spot diameter
Distance to
focal point
Extremely fine spot of ø0.15 mm ø0.006 in
approx. achieved.
• Applicable fibers:
FD-EG31, FD-EG30, FD-42G, FD-42GW,
FD-32G, FD-32GX
• Ambient temperature: -40 to +70 °C
-40 to +158 °F (Note 2)
Sensing range for red LED type (Note 1)
Fiber model No. Distance to focal point Spot diameter
FD-EG31
7.5 ±0.5 mm ø0.15 mm approx.
FD-EG30
7.5 ±0.5 mm ø0.3 mm approx.
FD-42G/42GW
FD-32G/32GX 7.5 ±0.5 mm ø0.5 mm approx.
Finest spot
lens
FX-MR6
Extremely fine spot of ø0.1 mm ø0.004 in
approx. achieved.
• Applicable fibers:
FD-EG31, FD-EG30, FD-42G, FD-42GW,
FD-32G, FD-32GX
• Ambient temperature: -20 to +60 °C
-4 to +140 °F (Note 2)
Sensing range for red LED type (Note 1)
Fiber model No. Distance to focal point Spot diameter
FD-EG31
7 ±0.5 mm ø0.1 mm approx.
FD-EG30
7 ±0.5 mm ø0.2 mm approx.
FD-42G/42GW
FD-32G/32GX
7 ±0.5 mm ø0.4 mm approx.
Zoom lens
side-view
type
FX-MR5
Screw-in
depth
Spot diameter
Distance to
focal point
FX-MR2 is converted into a side-view type and
can be mounted in a very small space.
• Applicable fibers:
FD-42G, FD-42GW
• Ambient temperature: -40 to +70 °C
-40 to +158 °F (Note 2)
Sensing range for red LED type (Note 1)
Screw-in depth Distance to focal point Spot diameter
8 mm
13 mm approx.
ø0.5 mm
10 mm
15 mm approx.
ø0.8 mm
14 mm
30 mm approx.
ø3.0 mm
Lens (For square head M3 reflective fiber)
Type
Spot diameter
(mm in) (Note)
Distance to
focal point
(mm in) (Note)
Lens
Fiber
Shape
(mm in)
Model No.
Shape
Emitting fiber
core (mm in)
Model No.
Finest spot
lens
ø0.1 ø0.004
approx.
7 ± 0.5
0.276 ± 0.020
FX-MR7
ø0.125 ø0.005
FD-R33EG
ø0.125 ø0.005
FD-EG31
ø0.15 ø0.006
approx.
ø0.175 ø0.007
FD-R34EG
ø0.2 ø0.008
approx.
ø0.25 ø0.010
FD-R32EG
ø0.25 ø0.010
FD-EG30
ø0.4 ø0.016
approx.
ø0.5 ø0.020
FD-R31G
ø0.5 ø0.020
FD-32G
ø0.5 ø0.020
FD-32GX
ø0.5 ø0.020
FD-42G
ø0.5 ø0.020
FD-42GW
Type
Spot diameter
(mm in) (Note)
Sensing
range
(mm in) (Note)
Lens
Applicable fibers
Shape
(mm in)
Model No. Emitting fiber
core (mm in)
Model No.
ø0.4 to ø2.0 ø0.016 to ø0.079 approx.
10 to 30
0.394 to1.181
FX-MR8
ø0.125 ø0.005 FD-R33EG, FD-EG31
ø0.4 to ø2.2 ø0.016 to ø0.087 approx.
ø0.175 ø0.007
FD-R34EG
ø0.5 to ø2.5 ø0.020 to ø0.098 approx.
ø0.25 ø0.010
FD-R32EG, FD-EG30
ø0.8 to ø3.5 ø0.031 to ø0.138 approx.
ø0.5 ø0.020
FD-R31G, FD-32G, FD-32GX, FD-42G, FD-42GW
ø4.0 ø0.157 approx.
0 to 30
0 to 1.181
FX-MR9
ø0.125 ø0.005
FD-R33EG, FD-EG31
ø0.175 ø0.007
FD-R34EG
ø0.25 ø0.010
FD-R32EG, FD-EG30
ø0.5 ø0.020
FD-R31G, FD-32G, FD-32GX, FD-42G, FD-42GW
15.3
0.602
ø5 ø0.197
15
0.591
ø5 ø0.197
ø5 ø0.197
10
0.394



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com