Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW006 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # AMW006
Description  This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW006 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button AMW006 Datasheet HTML 9Page - Silicon Laboratories AMW006 Datasheet HTML 10Page - Silicon Laboratories AMW006 Datasheet HTML 11Page - Silicon Laboratories AMW006 Datasheet HTML 12Page - Silicon Laboratories AMW006 Datasheet HTML 13Page - Silicon Laboratories AMW006 Datasheet HTML 14Page - Silicon Laboratories AMW006 Datasheet HTML 15Page - Silicon Laboratories AMW006 Datasheet HTML 16Page - Silicon Laboratories AMW006 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Pinout and Signal Descriptions
ADS-MWx06-111R AMWx06 Datasheet
Page |7
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
5 Pinout and Signal Descriptions
5.1 Pinout
A top view of the AMWx06 pinout is depicted in Figure 2. All dimensions are in thousands of an inch. A recommended
footprint is provided in Section 6.2, Recommended PCB Footprint.
The module orientation can be determined from antenna pins 47 and 43, which show as notches in surrounding
soldered ground pins.
Figure 2 – AMWx06 pin out.
Determine module orientation from antenna pins 47 and 43, which show as notches in surrounding soldered ground pins
5.2 Pin Description
Table 10. AMWx06 ZentriOS Pin Definitions
Pin
Name
Type1
Primary Function
Alternate & Other Function(s)
1-2
GND
S
Ground
-
3
VBAT
S
VBAT MCU supply
-
4
GPIO_0
I/O
Factory Reset2
SPI1_MISO (S), GPIO
5
GPIO_1
I/O
GPIO
-
6
GPIO_2
I/O
GPIO
SPI1_SCK (S)
7
GPIO_3
I/O
GPIO
SPI1_CS (S)
8
GPIO_4
I/O
GPIO
-
Pin 1
Pin 47
Pin 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com