Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF200D Datasheet(PDF) 4 Page - Silicon Laboratories

Part # WF200D
Description  Wi-Fi® Network Co-Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

WF200D Datasheet(HTML) 4 Page - Silicon Laboratories

  WF200D Datasheet HTML 1Page - Silicon Laboratories WF200D Datasheet HTML 2Page - Silicon Laboratories WF200D Datasheet HTML 3Page - Silicon Laboratories WF200D Datasheet HTML 4Page - Silicon Laboratories WF200D Datasheet HTML 5Page - Silicon Laboratories WF200D Datasheet HTML 6Page - Silicon Laboratories WF200D Datasheet HTML 7Page - Silicon Laboratories WF200D Datasheet HTML 8Page - Silicon Laboratories WF200D Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1. Features List
The key features of the WF200 Wi-Fi transceiver are listed below.
Applications
• Industrial, Home and Buidling automation
• Home appliances
• Security solutions
• Retail and Commercial
• Commercial transportation
• Consumer medical
• Sports and Fitness
Features
• 802.11 b/g/n Wi-Fi NCP including the radio, baseband, MAC,
security and host interface
• Superior link budget with integrated LNA, PA and Balun
• OTP included removing the need for an external EEPROM
• Ultra low power optimized solution
• End-to-end security with hardware protected secure boot and
encrypted host interface (optional)
• 802.11 split and full MAC architecture support
• Complete Network Co-Processor (NCP) support for Linux and
RTOS external hosts
Standards/IEEE 802.11 and WFA
• b - symbol rates: up to 11 Mbps
• g - symbol rates: up to 54 Mbps
• n - symbol rates: up to 72.2Mbps
• d - regulatory domains
• e - QoS as per definition in WMM specification
• i - as per definition in WPA2 specification
• w - protected management frames
• WMM Power save
• WPA/WPA2 Personal/WPA3 Personal
• Supported with Linux UMAC:
• WPA2 Enterprise
• WPS - Wi-Fi Protected Setup
Key MAC and Baseband Features
• 1x1 802.11n (20 MHz) with full 802.11 b/g compatibility,
72.2Mbps
• Greenfield Tx/Rx for 802.11n optimal performance
• Short Guard Interval (SGI) for 802.11n optimal throughput
• A-MPDU Rx and Tx for high MAC throughput
• Block acknowledgement for several frames
• Rx Defragmentation
• Roaming supported
• Client, SoftAP modes supported
• Concurrent AP + STA supported on different channels
RF Features
• Tx Power: +17 dBm
• Rx Sensitivity: -96.7 dBm
• 2 x 2.4GHz antenna pads for full antenna diversity support or
FEM support
• 2.4GHz co-existence; 2-, 3- and 4-wire PTA support
• Integrated Balun, T/R switch, LNA and PA for 2.4GHz
Power Consumption
• Rx (@DSSS-1Mbps): 41.6mA
• Tx (17 dBm @DSSS-1Mbps): 153mA
• Associated DTIM3 average current : 298 μA
• Associated Sleep Current : 22 μA
• Shutdown mode: 0.5 μA
Security and Encryption Features
• Secure boot with roll-back prevention
• Encrypted host interface, dedicated hardware acceleration
block
• Integrated True Random Number Generator
• Secure key storage using protected OTP technology
• AES/WEP hardware acceleration
Host Interfaces
• SDIO (1-bit and 4-bit SD mode @ 26MHz)
• SPI (1-bit @ 52MHz)
Peripheral Interfaces
• External 32kHz crystal for low power
• GPIOs (including wake-up and Tx/Rx activity monitoring)
ROHS/REACH Compliant
Electrical Characteristics
• 1.62V - 3.6V (VDDD, VDDIO, VDDRF)
• 3.0 - 3.6V (VDDPA)
Packaging
• 4x4 QFN32
• Temperature range: -40°C to +105°C
WF200 Data Sheet: Wi-Fi® Network Co-Processor
Features List
silabs.com | Building a more connected world.
Rev. 1.1 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com