Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72334J4B3 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST72334J4B3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4B3 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST72334J4B3 Datasheet HTML 27Page - STMicroelectronics ST72334J4B3 Datasheet HTML 28Page - STMicroelectronics ST72334J4B3 Datasheet HTML 29Page - STMicroelectronics ST72334J4B3 Datasheet HTML 30Page - STMicroelectronics ST72334J4B3 Datasheet HTML 31Page - STMicroelectronics ST72334J4B3 Datasheet HTML 32Page - STMicroelectronics ST72334J4B3 Datasheet HTML 33Page - STMicroelectronics ST72334J4B3 Datasheet HTML 34Page - STMicroelectronics ST72334J4B3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
31/125
MULTI-OSCILLATOR (Cont’d)
External RC Oscillator
This oscillator allows a low cost solution for the
main clock of the ST7 using only an external resis-
tor and an external capacitor (see Figure 21). The
selection of the external RC oscillator has to be
done by OPTION BYTE.
The frequency of the external RC oscillator (in the
range of some MHz.) is fixed by the resistor and
the capacitor values:
The previous formula shows that in this MO mode,
the accuracy of the clock is directly linked to the
accuracy of the discrete components.
Figure 21. MO External RC
Internal RC Oscillator
The Internal RC oscillator mode is based on the
same principle as the External RC oscillator in-
cluding the resistance and the capacitance of the
device. This mode is the most cost effective one
with the drawback of a lower frequency accuracy.
Its frequency is in the range of several MHz.
In this mode, the two oscillator pins have to be tied
to ground as shown in Figure 22.
The selection of the internal RC oscillator has to
be done by OPTION BYTE.
Figure 22. MO Internal RC
Note:
1) This formula provides an approximation of the frequency with typical REX and CEX values at VDD=5V.
It is given only as design guidelines.
fOSC ~
4
REX .CEX
1)
OSC1
OSC2
ST7
CEX
REX
OSC1
OSC2
ST7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com