Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

540334 Datasheet(PDF) 1 Page - Pilz GmbH & Co. KG

Part # 540334
Description  PSEN cs3.1b /PSEN cs3.1 1unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PILZ [Pilz GmbH & Co. KG]
Direct Link  https://www.pilz.com/en-INT/eshop
Logo PILZ - Pilz GmbH & Co. KG

540334 Datasheet(HTML) 1 Page - Pilz GmbH & Co. KG

  540334 Datasheet HTML 1Page - Pilz GmbH & Co. KG 540334 Datasheet HTML 2Page - Pilz GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PSEN cs3.1b /PSEN cs3.1 1unit
541012
RFiD safety switch 2 safe semiconductor outputs, connection cable 10 m,
one direction of actuation IP6K9K, operating distance 11 mm, Sao = 8 mm,
Sar = 20 mm; PU = 1 piece coded switch with actuator.
Technical details
Certifications:
CE;cULus Listed;TÜV;FCC;IC
Sensor principle:
Transponder
Type of coding:
Coded
Number of OSSD outputs:
2
Number of inputs:
2
Connection type:
10m Kabel
Supply voltage (V):
24,0
Supply voltage type:
DC
Power consumption DC:
1.0 W
Assured switching distance:
8.0 mm
Assured release distance:
20.0 mm
Protection type, housing:
IP6K9K
Width dimension:
26.0 mm
Height dimension:
37.0 mm
Depth dimension:
18.0 mm
Gross weight:
420 g
Net weight:
390 g
Ambient temperature:
-25 - 70 °C
Pilz GmbH & Co. KG, Felix-Wankel-Strasse 2, 73760 Ostfildern, Germany
Page 1/2


Similar Part No. - 540334

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com