Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F3-R39M-L Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3F3-R39M-L
Description  Threaded Cylindrical Photoelectric Sensor with Built-in Amplifier for Use as an Optical Proximity Sensor High Noise-immunity with Photo-IC Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F3-R39M-L Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3F3-R39M-L Datasheet HTML 1Page - Omron Electronics LLC E3F3-R39M-L Datasheet HTML 2Page - Omron Electronics LLC E3F3-R39M-L Datasheet HTML 3Page - Omron Electronics LLC E3F3-R39M-L Datasheet HTML 4Page - Omron Electronics LLC E3F3-R39M-L Datasheet HTML 5Page - Omron Electronics LLC E3F3-R39M-L Datasheet HTML 6Page - Omron Electronics LLC E3F3-R39M-L Datasheet HTML 7Page - Omron Electronics LLC E3F3-R39M-L Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
E3F3 Photoelectric Sensor
■ Model Number Legend
■ Accessories (Order Separately)
Note: E39-R1 is included in E3F3-R
@@ and E3F3-R@@M.
Specifications
■ Ratings/Characteristics
D: Reflector
L: Emitter
None: Reflective model
M: Metal housing
None: Plastic housing
1/2/3/4: Pre-wired
6/7/8/9: M12 connector
1: NPN L/ON
3: PNP L/ON
6: NPN D/ON
8: PNP D/ON
T: Through-beam
R: Retroreflective
D: Diffuse reflective
E3F3-
@@@@-@
Name
Model
Reflector
E39-R1, E39-R3
Reflector (tape type)
E39-RS1, E39-RS2, E39-RS3
Lens Cap
E39-F31
Mounting Bracket
Y92E-B18
Item
Sensing method
Through-beam
Retroreflective
Diffuse reflective
NPN output
E3F3-T11
E3F3-R11
E3F3-R12
E3F3-D11
E3F3-D12
E3F3-T16
E3F3-R16
E3F3-R17
E3F3-D16
E3F3-D17
E3F3-T61
E3F3-R61
E3F3-R62
E3F3-D61
E3F3-D62
E3F3-T66
E3F3-R66
E3F3-R67
E3F3-D66
E3F3-D66
PNP output
E3F3-T31
E3F3-R31
E3F3-R32
E3F3-D31
E3F3-D32
E3F3-T36
E3F3-R36
E3F3-R37
E3F3-D36
E3F3-D37
E3F3-T81
E3F3-R81
E3F3-R82
E3F3-D81
E3F3-D82
E3F3-T86
E3F3-R86
E3F3-R87
E3F3-D86
E3F3-D87
Sensing distance
5 m
3 m (Non-polarized when us-
ing E39-R1)
2 m (Non-polarized when us-
ing E39-R1)
100 mm
300 mm
Standard sensing object
Opaque object: 11 mm min.
Opaque object: 56 mm min.
100
× 100 mm white mat paper
Hysteresis
---
20% max. of sensing distance
Light source (wavelength)
Infrared LED (860 mm)
Red LED (680 mm)
Infrared LED (860 mm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p): 10% max.
Current consumption
45 mA max. (light source and
receiver)
25 mA max.
Control output
Open collector transistor output, 100 mA max., residual voltage: 1 V max. at 100 mA
Protective circuit
Output short-circuit protection, DC power supply reverse polarity protection
Response time
1.0 ms max.
Sensitivity adjustment
---
Single-turn adjuster
Ambient illumination
Incandescent lamp: 3,000 lx max., Sunlight: 10,000 lx max.
Ambient temperature
Operating: –25 to 55
°C (with no icing or condensation)
Storage: –30 to 70
°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85% (with no condensation)
Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC) between current carry parts and case
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min between current carry parts and case
Vibration resistance
(destruction)
10 to 55 Hz, 1.5-mm double amplitude for 1 hour each in X, Y, and Z directions
Shock resistance
(destruction)
500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP66
Connecting method
Pre-wired (standard length: 2 m)/M12 connector
Indicators
Operation indicator (orange) [Power indicator of emitter (orange)]
Weight
Pre-wired
Metal: 200 g max.
Metal housing: 100 g max.
Plastic: 170 g max.
Plastic housing: 85 g max.
M12 connector
Metal: 120 g max.
Metal housing: 60 g max.
Plastic: 40 g max.
Plastic housing: 20 g max.
Packing
Nylon bag
Material
Case
Plastic: ABS, Metal: Nickel-brass
Lens
PMMA
Accessories
Screw nuts: ABS or Nickel-brass
Accessories
Screw nuts (4),
Instruction sheet
Screw nuts (2),
E39-R1 reflector,
Instruction sheet
Screw nuts (2),
Instruction sheet
Screw nuts (2),
Instruction sheet,
Adjusting driver



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com