Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC08KL8GRS/D Datasheet(PDF) 69 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 65Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 66Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 67Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 68Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 69Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 70Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 71Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 72Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 256 page
background image
Central Processor Unit (CPU)
Instruction Set Summary
MC68HC08KL8 — Rev. 2.0
General Release Specification
Central Processor Unit (CPU)
LDHX #
opr
LDHX
opr
Load H:X from M
H:X
← (M:M + 1)
0–– ¤¤ –
IMM
DIR
45
55
ii jj
dd
3
4
LDX #
opr
LDX
opr
LDX
opr
LDX
opr,X
LDX
opr,X
LDX ,X
LDX
opr,SP
LDX
opr,SP
Load X from M
X
← (M)
0 – – ¤¤ –
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
AE
BE
CE
DE
EE
FE
9EEE
9EDE
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
LSL
opr
LSLA
LSLX
LSL
opr,X
LSL ,X
LSL
opr,SP
Logical Shift Left
(Same as ASL)
¤ –– ¤¤¤
DIR
INH
INH
IX1
IX
SP1
38
48
58
68
78
9E68
dd
ff
ff
4
1
1
4
3
5
LSR
opr
LSRA
LSR
X
LSR
opr,X
LSR ,X
LSR
opr,SP
Logical Shift Right
¤ ––0 ¤¤
DIR
INH
INH
IX1
IX
SP1
34
44
54
64
74
9E64
dd
ff
ff
4
1
1
4
3
5
MOV
opr,opr
MOV
opr,X+
MOV #
opr,opr
MOV X+
,opr
Move
(M)Destination ← (M)Source
H:X
← (H:X) + 1 (IX+D, DIX+)
0–– ¤¤ –
DD
DIX+
IMD
IX+D
4E
5E
6E
7E
dd dd
dd
ii dd
dd
5
4
4
4
MUL
Unsigned multiply
X:A
← (X) × (A)
– 0 – – – 0 INH
42
5
NEG
opr
NEGA
NEGX
NEG
opr,X
NEG ,X
NEG
opr,SP
Negate (Two’s Complement)
M
← –(M) = $00 – (M)
A
← –(A) = $00 – (A)
X
← –(X) = $00 – (X)
M
← –(M) = $00 – (M)
M
← –(M) = $00 – (M)
¤ –– ¤¤¤
DIR
INH
INH
IX1
IX
SP1
30
40
50
60
70
9E60
dd
ff
ff
4
1
1
4
3
5
NOP
No Operation
None
– – – – – – INH
9D
1
NSA
Nibble Swap A
A
← (A[3:0]:A[7:4])
– – – – – – INH
62
3
ORA #
opr
ORA
opr
ORA
opr
ORA
opr,X
ORA
opr,X
ORA ,X
ORA
opr,SP
ORA
opr,SP
Inclusive OR A and M
A
← (A) | (M)
0 – – ¤¤ –
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
AA
BA
CA
DA
EA
FA
9EEA
9EDA
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
PSHA
Push A onto Stack
Push (A); SP
← (SP) – 1
– – – – – – INH
87
2
PSHH
Push H onto Stack
Push (H); SP
← (SP) – 1
–––––– INH
8B
2
PSHX
Push X onto Stack
Push (X); SP
← (SP) – 1
–––––– INH
89
2
PULA
Pull A from Stack
SP
← (SP + 1); Pull (A)
–––––– INH
86
2
PULH
Pull H from Stack
SP
← (SP + 1); Pull (H)
–––––– INH
8A
2
PULX
Pull X from Stack
SP
← (SP + 1); Pull (X)
–––––– INH
88
2
ROL
opr
ROLA
ROLX
ROL
opr,X
ROL ,X
ROL
opr,SP
Rotate Left through Carry
¤ –– ¤¤¤
DIR
INH
INH
IX1
IX
SP1
39
49
59
69
79
9E69
dd
ff
ff
4
1
1
4
3
5
Table 6-1. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
C
b0
b7
0
b0
b7
C
0
C
b0
b7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com